전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC3410 데이터시트(PDF) 2 Page - Linear Technology

부품명 LTC3410
상세설명  2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC3410 데이터시트(HTML) 2 Page - Linear Technology

  LTC3410 Datasheet HTML 1Page - Linear Technology LTC3410 Datasheet HTML 2Page - Linear Technology LTC3410 Datasheet HTML 3Page - Linear Technology LTC3410 Datasheet HTML 4Page - Linear Technology LTC3410 Datasheet HTML 5Page - Linear Technology LTC3410 Datasheet HTML 6Page - Linear Technology LTC3410 Datasheet HTML 7Page - Linear Technology LTC3410 Datasheet HTML 8Page - Linear Technology LTC3410 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC3410
3410fb
LTC3410ESC6
ORDER PART NUMBER
Input Supply Voltage .................................. – 0.3V to 6V
RUN, VFB Voltages ..................................... – 0.3V to VIN
SW Voltage (DC) ......................... – 0.3V to (VIN + 0.3V)
P-Channel Switch Source Current (DC) ............. 500mA
N-Channel Switch Sink Current (DC) ................. 500mA
SC6 PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges. *A separate data sheet is available for the LT3410-1.875.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TJMAX = 125°C, θJA = 250°C/ W
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
LBSD
Peak SW Sink and Source Current .................... 630mA
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Junction Temperature (Notes 3, 5) ...................... 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
(Note 1)
RUN 1
GND 2
SW 3
6 VFB
5 GND
4 VIN
TOP VIEW
SC6 PACKAGE
6-LEAD PLASTIC SC70
RUN 1
GND 2
SW 3
6 VOUT
5 GND
4 VIN
TOP VIEW
SC6 PACKAGE
6-LEAD PLASTIC SC70
TJMAX = 125°C, θJA = 250°C/ W
LTC3410ESC6-1.2
LTC3410ESC6-1.5
LTC3410ESC6-1.65
LTC3410ESC6-1.8
LTC3410ESC6-1.875*
ORDER PART NUMBER
SC6 PART MARKING
LCHV
LCNB
LCJF
LCNC
LCFQ
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IVFB
Feedback Current
Adjustable Output Voltage
●
±30
nA
IVOUT
Output Voltage Feedback Current
Fixed Output Voltage
●
3.3
6
µA
IPK
Peak Inductor Current
VIN = 3V, VFB = 0.7V or VOUT = 90%, Duty Cycle < 35%
380
490
mA
VFB
Regulated Feedback Voltage
Adjustable Output Voltage (LTC3410E)
●
0.784
0.8
0.816
V
∆VFB
Reference Voltage Line Regulation
VIN = 2.5V to 5.5V
●
0.04
0.4
%/V
VOUT
Regulated Output Voltage
LTC3410-1.2, IOUT = 100mA
●
1.176
1.2
1.224
V
LTC3410-1.5, IOUT = 100mA
●
1.47
1.5
1.53
V
LTC3410-1.65, IOUT = 100mA
●
1.617
1.65
1.683
V
LTC3410-1.8, IOUT = 100mA
●
1.764
1.8
1.836
V
LTC3410-1.875, IOUT = 100mA
●
1.837
1.875
1.913
V
∆VOUT
Output Voltage Line Regulation
VIN = 2.5V to 5.5V
●
0.04
0.4
%/V
VLOADREG Output Voltage Load Regulation
ILOAD = 50mA to 250mA
0.5
%
VIN
Input Voltage Range
●
2.5
5.5
V
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = 3.6V unless otherwise specified.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com