전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4392 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 AN4392
상세설명  The BlueNRG is a very low power Bluetooth low energy
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4392 데이터시트(HTML) 1 Page - STMicroelectronics

  AN4392 Datasheet HTML 1Page - STMicroelectronics AN4392 Datasheet HTML 2Page - STMicroelectronics AN4392 Datasheet HTML 3Page - STMicroelectronics AN4392 Datasheet HTML 4Page - STMicroelectronics AN4392 Datasheet HTML 5Page - STMicroelectronics AN4392 Datasheet HTML 6Page - STMicroelectronics AN4392 Datasheet HTML 7Page - STMicroelectronics AN4392 Datasheet HTML 8Page - STMicroelectronics AN4392 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
January 2014
DocID025507 Rev 1
1/17
AN4392
Application note
Using the BlueNRG transceiver under ARIB STD-T66
in the 2400 – 2483.5 MHz band
By Ugo Raia
Introduction
The BlueNRG is a very low power Bluetooth low energy (BLE) single mode network
processor, compliant with Bluetooth specifications core 4.0. The BlueNRG can act as
master and slave.
Bluetooth low energy technology operates in same spectrum range (2400 - 2483.5 MHz,
ISM band) as classical Bluetooth technology, but uses a different set of channels. Instead of
Bluetooth’s 79 channels in the 1 MHz band, low energy technology has 40 channels (37
data channels + 3 advertising channels) in the 2 MHz band. Within the channel, data is
transmitted using GFSK (Gaussian Frequency Shift Modulation). The bit rate is 1 Mbit/s,
and the maximum transmitting power is 10 mW. Further details are given in volume 6, part A
of the Bluetooth Core Specification V4.0.
This application note outlines the expected performance when using the BlueNRG under
ARIB STD-T66 in the 2400 to 2483.5 MHz band.
For details on the regulatory limits in the 2400 - 2483.5 MHz frequency band, please refer to
ARIB STD-T66 V2.1 regulations [2]. These can be downloaded from
www.arib.or.jp/english/html/overview/rt_ej.html.
www.st.com


유사한 부품 번호 - AN4392

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
AN439 STMICROELECTRONICS-AN439 Datasheet
464Kb / 16P
The use of TRIACs is limited by their switching behavior
07-Mar-2008
AN4390 STMICROELECTRONICS-AN4390 Datasheet
1Mb / 14P
The UPS is gaining ever increasing importance
26-Nov-2013
AN4391 STMICROELECTRONICS-AN4391 Datasheet
1Mb / 19P
New P-channel trench technology from ST for low power
21-Nov-2013
AN4394 STMICROELECTRONICS-AN4394 Datasheet
538Kb / 18P
Evaluation board for SPV1050 ULP harvester
15-May-2014
AN4395 STMICROELECTRONICS-AN4395 Datasheet
2Mb / 24P
Autonomous wireless multi-sensor node powered by PV cells
27-May-2014
More results

유사한 설명 - AN4392

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
PAN1721 PANASONIC-PAN1721 Datasheet
693Kb / 2P
ULTRA LOW POWER, BLUETOOTH LOW ENERGY MODULE
logo
STMicroelectronics
AN4126 STMICROELECTRONICS-AN4126 Datasheet
4Mb / 28P
The SPIRIT1 is a very low power RF transceiver
02-Aug-2012
AN4198 STMICROELECTRONICS-AN4198 Datasheet
393Kb / 12P
The SPIRIT1 is a very low-power RF transceiver
22-Nov-2012
AN4387 STMICROELECTRONICS-AN4387 Datasheet
2Mb / 22P
BlueNRG is a very low power Bluetooth low energy
14-Nov-2013
logo
LAPIS Semiconductor Co....
ML7105 LAPIS-ML7105 Datasheet
683Kb / 30P
Bluetooth Low Energy
logo
STMicroelectronics
STEVAL-IDB005V1 STMICROELECTRONICS-STEVAL-IDB005V1 Datasheet
409Kb / 11P
Bluetooth low energy board based on the BlueNRG-MS network processor
29-Apr-2015
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
logo
Murata Manufacturing Co...
MBN52832 MURATA1-MBN52832 Datasheet
1Mb / 34P
Bluetooth Low Energy modul
logo
STMicroelectronics
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-IDB05A2 STMICROELECTRONICS-X-NUCLEO-IDB05A2 Datasheet
1Mb / 8P
Bluetooth low energy expansion board based on the BLUENRG-M0 module for STM32 Nucleo
April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com