전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4409 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 AN4409
상세설명  Using the same antenna for M24LRXXE-R and M24SRXX-Y Dual Interface EEPROM families
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4409 데이터시트(HTML) 5 Page - STMicroelectronics

  AN4409 Datasheet HTML 1Page - STMicroelectronics AN4409 Datasheet HTML 2Page - STMicroelectronics AN4409 Datasheet HTML 3Page - STMicroelectronics AN4409 Datasheet HTML 4Page - STMicroelectronics AN4409 Datasheet HTML 5Page - STMicroelectronics AN4409 Datasheet HTML 6Page - STMicroelectronics AN4409 Datasheet HTML 7Page - STMicroelectronics AN4409 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DocID025583 Rev 1
5/8
AN4409
Tuning capacitance specification vs tuning reference value
8
3
Tuning capacitance specification vs tuning reference
value
Figure 2 shows the serial equivalent tuning capacitance typical variation of either the
M24LRXXE-R or M24SRXX-Y according to the VAC0-AC1 RF input voltage:
Figure 2. Typical tuning capacitance variation of M24LRXXE-R and M24SRXX-Y
VRF_min corresponds to the minimum RF voltage between AC0 and AC1 RF inputs of the
RFID memory chips. The corresponding tuning capacitance CS_VRF_min must be taken as
reference for antenna design: in other words, customers have to design antennas which
inductance satisfies the following relationship, showed by Equation 6:
Equation 6
Vdatasheet corresponds to the voltage level used for better correlation with measurements
in production.
ftun
M24SR
1
2
π LA CS
VRFmin
⋅
-------------------------------------------
LA
→
1
CS
VRFmin
ω
2
⋅
--------------------------------
==



Html Pages

1 2 3 4 5 6 7 8