전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4457 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 AN4457
상세설명  Implementing an emulated universal asynchronous receiver transmitter on STM32F4 microcontroller series
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4457 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button AN4457 Datasheet HTML 8Page - STMicroelectronics AN4457 Datasheet HTML 9Page - STMicroelectronics AN4457 Datasheet HTML 10Page - STMicroelectronics AN4457 Datasheet HTML 11Page - STMicroelectronics AN4457 Datasheet HTML 12Page - STMicroelectronics AN4457 Datasheet HTML 13Page - STMicroelectronics AN4457 Datasheet HTML 14Page - STMicroelectronics AN4457 Datasheet HTML 15Page - STMicroelectronics AN4457 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Software description
AN4457
12/24
DocID026046 Rev 1
2.2
Transmission
2.2.1
Frame transmission
Figure 5 describes the implementation of the function that sends a give number of bytes
using DMA and timer.
TxXferCount is a counter that is incremented after the completion each DMA transfer.
FirstBuffer_Tx and SecondBuffer_Tx: the DMA source address switches between two
buffers addresses. The first buffer is used by DMA as source data, while the second buffer is
used by the CPU to format data.
Figure 5. Frame transmission routine flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24