전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM1561 데이터시트(PDF) 22 Page - STMicroelectronics

부품명 UM1561
상세설명  This document describes how the firmware to manage the 250 W micro-inverter demo
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1561 데이터시트(HTML) 22 Page - STMicroelectronics

Back Button UM1561 Datasheet HTML 18Page - STMicroelectronics UM1561 Datasheet HTML 19Page - STMicroelectronics UM1561 Datasheet HTML 20Page - STMicroelectronics UM1561 Datasheet HTML 21Page - STMicroelectronics UM1561 Datasheet HTML 22Page - STMicroelectronics UM1561 Datasheet HTML 23Page - STMicroelectronics UM1561 Datasheet HTML 24Page - STMicroelectronics UM1561 Datasheet HTML 25Page - STMicroelectronics UM1561 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
STM32F1xx MCU peripherals configuration
UM1561
22/39
Doc ID 023556 Rev 1
where:
RCC_Config(); is (Configures main system clocks and power)
NVIC_Configuration(); is (Configures NVIC and Vector Table base location)
GPIO_Configuration(); is (Configures the different GPIO ports)
SysTick_Config(); is (Configures the different GPIO ports)
InitControl(ClosedLoop); is (Initializes the parameters for the control algorithm
(open/closed loop))
DAC_Init(DAC_COUNTER, DAC_ADDRESS); is (Initializes the parameters for the
control algorithm (open/closed loop))
STM3210E_LCD_Init(); is (Initializes the LCD)
LCD_Clear(White); is (Initializes the LCD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39