전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM1695 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 UM1695
상세설명  This document provides a detailed description
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1695 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button UM1695 Datasheet HTML 21Page - STMicroelectronics UM1695 Datasheet HTML 22Page - STMicroelectronics UM1695 Datasheet HTML 23Page - STMicroelectronics UM1695 Datasheet HTML 24Page - STMicroelectronics UM1695 Datasheet HTML 25Page - STMicroelectronics UM1695 Datasheet HTML 26Page - STMicroelectronics UM1695 Datasheet HTML 27Page - STMicroelectronics UM1695 Datasheet HTML 28Page - STMicroelectronics UM1695 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
DocID025531 Rev 5
25/46
UM1695
Command reference
46
reboot is not desired. The function is not active when the module is configured in Mini AP
mode.
Arguments:
none
Example:
AT+S.ROAM<cr>
<cr><lf>OK<cr><lf>
2.33
AT+S.GPIOC: configure general purpose inputs/outputs
AT+S.GPIOC is used to configure the function of the various GPIOs on the module. GPIOs
can be configured as inputs or outputs. Additionally, inputs can be configured to generate an
indication when their state changes.
Hint.
Use an external pull up/pull down connected to a given GPIO to prevent unwanted
commutations.
Arguments:
Example:
AT+S.GPIOC=7,out<cr>
<cr><lf>OK<cr><lf>
AT+S.GPIOC=11,in,B<cr>
<cr><lf>OK<cr><lf>
2.34
AT+S.GPIOR: query general purpose input
AT+S.GPIOR is used to read the value and the direction of a previously-configured GPIO.
Arguments:
<num>
GPIO Number (0-15 on SPWF01SX)
<num>
GPIO Number (0-15 on the SPWF01SX.11)
<direction>
“in” or “out”
<interrupt>
Optional parameter:
0
Off
R
Rising edge
F
Falling edge
B
Both rising and falling edges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46