전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4654 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 AN4654
상세설명  Migrating between STM32L1 and STM32L0 series microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4654 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button AN4654 Datasheet HTML 24Page - STMicroelectronics AN4654 Datasheet HTML 25Page - STMicroelectronics AN4654 Datasheet HTML 26Page - STMicroelectronics AN4654 Datasheet HTML 27Page - STMicroelectronics AN4654 Datasheet HTML 28Page - STMicroelectronics AN4654 Datasheet HTML 29Page - STMicroelectronics AN4654 Datasheet HTML 30Page - STMicroelectronics AN4654 Datasheet HTML 31Page - STMicroelectronics AN4654 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
DocID027444 Rev 1
29/32
AN4654
Peripheral migration
31
3.20
TSC interface
The STM32L0 series embeds enhanced version of touch sensing controller with full
hardware support. Therefore the firmware must be rewritten to support those new
architecture. The pinout compatibility for touch sensing channels was also partially changed
and there is need to change/review the application hardware design.
3.21
AES interface
The AES interface has not been changed in STM32L0 series, consequently it’s fully
compatible with STM32L1 version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32