전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4660 데이터시트(PDF) 23 Page - STMicroelectronics

부품명 AN4660
상세설명  Designers of STM32 microcontroller applications must have the possibility
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4660 데이터시트(HTML) 23 Page - STMicroelectronics

Back Button AN4660 Datasheet HTML 19Page - STMicroelectronics AN4660 Datasheet HTML 20Page - STMicroelectronics AN4660 Datasheet HTML 21Page - STMicroelectronics AN4660 Datasheet HTML 22Page - STMicroelectronics AN4660 Datasheet HTML 23Page - STMicroelectronics AN4660 Datasheet HTML 24Page - STMicroelectronics AN4660 Datasheet HTML 25Page - STMicroelectronics AN4660 Datasheet HTML 26Page - STMicroelectronics AN4660 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
DocID027558 Rev 2
23/27
AN4660
Peripheral migration
26
2.16
ADC
The STM32F74xxx/F75xxx devices embed the same ADC peripherals with the same
features except for external triggers in regular and injected channels.
Table 21 and Table 22 present the differences of external trigger for regular channels and
injected channels between STM32F42xxx/F43xxx and STM32F74xxx/F75xxx.
2.16.1
External trigger for regular channels
Table 21. External trigger for regular channel differences between
STM32F42xxx/F43xxx and STM32F74xxx/F75xxx
Type
EXTSEL[3:0]
Source
STM32F42xxx/F43xxx
STM32F74xxx/F75xxx
Internal signal
from on-chip
timers
0000
TIM1_CH1 event
TIM1_CC1 event
0001
TIM1_CH2 event
TIM1_CC2 event
0010
TIM1_CH3 event
TIM1_CC3 event
0011
TIM2_CH2 event
TIM2_CC2 event
0100
TIM2_CH3 event
TIM5_TRGO event
0101
TIM2_CH4 event
TIM4_CC4 event
0110
TIM2_TRGO event
TIM3_CC4
0111
TIM3_CH1 event
TIM8_TRGO event
1000
TIM3_TRGO event
TIM8_TRGO(2) event
1001
TIM4_CH4 event
TIM1_TRGO event
1010
TIM5_CH1 event
TIM1_TRGO(2) event
1011
TIM5_CH2 event
TIM2_TRGO event
1100
TIM5_CH3 event
TIM4_TRGO event
1101
TIM8_CH1 event
TIM6_TRGO event
1110
TIM8_TRGO event
NA
External pin
1111
EXTI line11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27