전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN4683 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 AN4683
상세설명  Transport layer security protocol for SPWFxxx module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4683 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button AN4683 Datasheet HTML 10Page - STMicroelectronics AN4683 Datasheet HTML 11Page - STMicroelectronics AN4683 Datasheet HTML 12Page - STMicroelectronics AN4683 Datasheet HTML 13Page - STMicroelectronics AN4683 Datasheet HTML 14Page - STMicroelectronics AN4683 Datasheet HTML 15Page - STMicroelectronics AN4683 Datasheet HTML 16Page - STMicroelectronics AN4683 Datasheet HTML 17Page - STMicroelectronics AN4683 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
SPWF01Sxxx use modes
AN4683
14/31
DocID027745 Rev 1
If verification fails (either for signature verification error, time or domain mismatch), then the
client throws a warning message “ERROR: SSL/TLS unable to connect” and the connection
is closed. As such, to solve this connection error, users either need to turn off verification of
the server (i.e switch to anonymous mode; see Section 2.4.1), or load the correct CA
certificate.
Note:
The one-way authentication works with any cipher reported in Table 2, including all ECC
ciphers up to 521 key length, RSA-1024 and RSA-2048.
Note:
The maximum allowed size for files uploaded to module is approximately 1.3 KB.
After the client is configured as in Figure 6, the host can open a secure socket.
Figure 6. AT commands for one-way authentication
2.4.3
Mutual authentication
In mutual authentication mode, both parties (client and server) share their signed
certificates.
In order to verify server certificate, the client:
1.
verifies the digital signature
2.
checks that the date of the certificate is in range
3.
verifies the domain
Additionally, for client authentication, the client also:
4.
sends its certificate to the server. Be aware that, in order to verify the client certificate,
the server should have access to the issuing CA certificate (public or private).
To achieve this purpose, the following steps must be completed:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31