전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UM1865 데이터시트(PDF) 121 Page - STMicroelectronics

부품명 UM1865
상세설명  The purpose of this document is to describe the design of the application
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1865 데이터시트(HTML) 121 Page - STMicroelectronics

Back Button UM1865 Datasheet HTML 117Page - STMicroelectronics UM1865 Datasheet HTML 118Page - STMicroelectronics UM1865 Datasheet HTML 119Page - STMicroelectronics UM1865 Datasheet HTML 120Page - STMicroelectronics UM1865 Datasheet HTML 121Page - STMicroelectronics UM1865 Datasheet HTML 122Page - STMicroelectronics UM1865 Datasheet HTML 123Page - STMicroelectronics UM1865 Datasheet HTML 124Page - STMicroelectronics UM1865 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 132 page
background image
DocID027514 Rev 1
121/132
UM1865
Vendor specific commands
132
Event(s) generated:
The controller will generate a command complete event.
4.7.7
Read_Config_Data
Description:
This command requests the value in the low level configure data structure. For more
information see the command Write_Config_Data. The number of bytes of returned Value
changes for different Offset.
Event(s) generated:
LLWithoutHost
1 byte
0x2C
Switch on/off Link Layer only mode
Role
1 byte
0x2D
Select the BlueNRG-MS roles and mode configuration.
1: Slave + RAM1 only
2: Slave + RAM1 and 2
3: Master + RAM1 and 2
Table 280. Write_Config_Data return parameters
Parameter
Size
Description
Status
1 byte
0x00: BLE_STATUS_SUCCESS
0x12: ERR_INVALID_HCI_CMD_PARAMS
Table 279. Write_Config_Data members (continued)
Data Members
Size
Size
Description
Table 281. Read_Config_Data
Command name
Parameters
Return
Read_Config_Data (0xFC0D)
Offset
Status
Value
Table 282. Read_Config_Data command parameters
Parameter
Size
Description
Offset
1 byte
Offset in the data structure. The starting member in the data
structure will have an offset 0.
Table 283. Read_Config_Data return parameters
Parameter
Size
Description
Status
1 byte
0x00: BLE_STATUS_SUCCESS
0x12: ERR_INVALID_HCI_CMD_PARAMS
Value
0-N bytes
Value read at the offset specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More