| 전자부품 데이터시트 검색엔진 |
|
UM1868 데이터시트(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1868 데이터시트(HTML) 12 Page - STMicroelectronics |
|
12 / 19 page ![]() BlueNRG GUI IFR utility UM1868 12/19 DocID027570 Rev 1 2.3 IFR C view The BlueNRG GUI C-source view provides the C language structure, related to the IFR configuration data region and matching the IFR View/Edit view. The BlueNRG GUI C-source view is automatically updated with the values loaded/configured on the BlueNRG GUI IFR utility View/Edit view. It can be used to generate a C-language structure that can be used within the BlueNRG IFR Updater demonstration firmware application with the option BLUENRG_CONFIG = BLUENRG_CUSTOM_CONFIG. This application can be customized and used by the customer during PCB manufacturing to customize the IFR data. |