전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M4A3-192/96-7VC 데이터시트(PDF) 2 Page - Lattice Semiconductor

부품명 M4A3-192/96-7VC
상세설명  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

M4A3-192/96-7VC 데이터시트(HTML) 2 Page - Lattice Semiconductor

  M4A3-192/96-7VC Datasheet HTML 1Page - Lattice Semiconductor M4A3-192/96-7VC Datasheet HTML 2Page - Lattice Semiconductor M4A3-192/96-7VC Datasheet HTML 3Page - Lattice Semiconductor M4A3-192/96-7VC Datasheet HTML 4Page - Lattice Semiconductor M4A3-192/96-7VC Datasheet HTML 5Page - Lattice Semiconductor M4A3-192/96-7VC Datasheet HTML 6Page - Lattice Semiconductor M4A3-192/96-7VC Datasheet HTML 7Page - Lattice Semiconductor M4A3-192/96-7VC Datasheet HTML 8Page - Lattice Semiconductor M4A3-192/96-7VC Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
2
ispMACH 4A Family
Notes:
1. Advance information. Please contact a Lattice sales representative for details on availability.
2. Preliminary information.
3. M4A3-256/128 available now in 5.5ns. Contact factory for availability of 7.5ns M4A3-256/160 and M4A3-256/192
Table 1. ispMACH 4A Device Features
3.3 V Devices
Feature
M4A3-322
M4A3-642
M4A3-962
M4A3-1282
M4A3-1922
M4A3-256
M4A3-3842
M4A3-5121
Macrocells
32
64
96
128
192
256
384
512
User I/O options
32
32/641
48
64
96
1282/1601/1921
160/192
160/192/256
tPD (ns)
5.0
5.5
5.5
5.5
6.0
5.53
6.5
7.5
fCNT (MHz)
182
167
167
167
160
167
154
125
tCOS (ns)
4.0
4.0
4.0
4.0
4.5
4.0
4.5
5.5
tSS (ns)
3.0
3.5
3.5
3.5
3.5
3.5
3.5
5.0
Static Power (mA)
20
25/521
40
55
85
1102/1501
149/155
179
JTAG Compliant
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
PCI Compliant
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
5 V Devices
Feature
M4A5-322
M4A5-642
M4A5-962
M4A5-1282
M4A5-1921
M4A5-2562
Macrocells
32
64
96
128
192
256
User I/O options
32
32
48
64
96
128
tPD (ns)
5.0
5.5
5.5
5.5
6.0
6.5
fCNT (MHz)
182
167
167
167
160
154
tCOS (ns)
4.0
4.0
4.0
4.0
4.5
5.0
tSS (ns)
3.0
3.5
3.5
3.5
3.5
3.5
Static Power (mA)
20
25
40
55
74
110
JTAG Compliant
Yes
Yes
Yes
Yes
Yes
Yes
PCI Compliant
Yes
Yes
Yes
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62