전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBRF20150CT 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 MBRF20150CT
상세설명  20A SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRF20150CT 데이터시트(HTML) 2 Page - Diodes Incorporated

  MBRF20150CT_15 Datasheet HTML 1Page - Diodes Incorporated MBRF20150CT_15 Datasheet HTML 2Page - Diodes Incorporated MBRF20150CT_15 Datasheet HTML 3Page - Diodes Incorporated MBRF20150CT_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR20150CT / MBRF20150CT
Document number: DS36646 Rev. 4 - 2
2 of 4
www.diodes.com
April 2015
© Diodes Incorporated
MBR20150CT / MBRF20150CT
Maximum Ratings (Per Leg) (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
150
V
Average Rectified Output Current
(Per Leg)
(Total)
IO
10
20
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
170
A
Thermal Characteristics (Per Leg)
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Case (Note 5)
Package = TO-220AB
Package = ITO-220AB
RθJC
3
5
°C/W
Typical Thermal Resistance, Junction to Ambient (Note 5)
Package = TO-220AB
Package = ITO-220AB
RθJA
15
25
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (Per Leg) (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
—
—
0.86
—
0.90
0.75
V
IF = 10A, TJ = +25°C
IF = 10A, TJ = +125°C
Leakage Current (Note 6)
IR
—
—
—
—
0.05
10
mA
VR = 150V, TJ = +25°C
VR = 150V, TJ = +125°C
Notes:
5. Device mounted on heat sink (45mm x 20mm x12mm), with minimum recommended pad layout per http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.
0
2
4
6
8
10
12
0
5
10
15
I
AVERAGE FORWARD CURRENT (A)
Figure 1 Forward Power Dissipation
F(AV)
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Figure 2 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
T = 25°C
A
T = 125°C
A
T = 175°C
A
T = -55°C
A
T = 85°C
A
T = 150°C
A



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com