전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD75236 데이터시트(PDF) 1 Page - NEC

부품명 UPD75236
상세설명  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD75236 데이터시트(HTML) 1 Page - NEC

  UPD75236 Datasheet HTML 1Page - NEC UPD75236 Datasheet HTML 2Page - NEC UPD75236 Datasheet HTML 3Page - NEC UPD75236 Datasheet HTML 4Page - NEC UPD75236 Datasheet HTML 5Page - NEC UPD75236 Datasheet HTML 6Page - NEC UPD75236 Datasheet HTML 7Page - NEC UPD75236 Datasheet HTML 8Page - NEC UPD75236 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 190 page
background image
4-BIT SINGLE-CHIP MICROCOMPUTER
DESCRIPTION
The
µPD75236 is a microcomputer with a CPU capable of 1-, 4-, and 8-bit-wise data processing, a ROM, a
RAM, I/O ports, a fluorescent display tube (FIP
®) controller/driver, A/D converters, a watch timer, a timer/pulse
generator capable of outputting 14-bit PWM, a serial interface and a vectored interrupt function integrated on a
single-chip.
The
µPD75236 has the more improved peripheral functions including the RAM capacity, FIP controller/driver
display capabilities, I/O ports, A/D converter and serial interface than those of the
µPD75216A.
The
µPD75236 is most suited for advanced and popular VCR timer and tuner applications, single-chip
configurations of system computers, advanced CD players and advanced microwave ovens.
The
µPD75P238 PROM product and various types of development tools (IE-75001-R, assemblers and others)
are available for evaluation in system development or small-volume production.
FEATURES
µPD75236
q
Built-in, large-capacity ROM and RAM
• Program memory (ROM): 16K
× 8
• Data memory (RAM): 768
× 4
q
I/O port: 64 ports (except FIP dedicated pins)
q
Minimum instruction execution time: 0.95
µs
(when operated at 4.19 MHz)
q
Instruction execution time varying function to
achieve a wide range of power supply voltages
q
Built-in programmable FIP controller/driver
• Number of segments: 9 to 24
• Number of digits: 9 to 16
q
8-bit A/D converter: 8 channels
q
Powerful timer/counter function: 5 channels
q
8-bit serial interface: 2 channels
q
Interrupt function with importance attached to
applications
q
Product with built-in PROM:
µPD75P238
ORDERING INFORMATION
Ordering Code
Package
Quality Grade
µPD75236GJ-×××-5BG
94-pin plastic QFP (20
× 20 mm)
Standard
MOS INTEGRATED CIRCUIT
DATA SHEET
The information in this document is subject to change without notice.
The mark 5 shows major revised points.
© NEC Corporation 1992
Document No.
IC-2677A
(O. D. No.
IC-8092A)
Date Published February 1993 P
Printed in Japan
Please refer to “Quality grade on NEC Semiconductor Devices” (Document number IEI-1209) published by
NEC Corporation to know the specification of quality grade on the devices and its recommended applications.


유사한 부품 번호 - UPD75236

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
UPD75236 RENESAS-UPD75236 Datasheet
1Mb / 192P
MOS INTEGRATED CIRCUIT
1992
UPD75236GJ-XXX-5BG RENESAS-UPD75236GJ-XXX-5BG Datasheet
1Mb / 192P
MOS INTEGRATED CIRCUIT
1992
More results

유사한 설명 - UPD75236

제조업체부품명데이터시트상세설명
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63408 EPSON-S1C63408 Datasheet
170Kb / 3P
4-bit Single Chip Microcomputer
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
4-bit Single Chip Microcomputer
S1C63632 EPSON-S1C63632 Datasheet
129Kb / 2P
4-bit Single Chip Microcomputer
S1C63658 EPSON-S1C63658 Datasheet
152Kb / 3P
4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com