전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PDS3100Q-13 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 PDS3100Q-13
상세설명  3A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰5
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS3100Q-13 데이터시트(HTML) 2 Page - Diodes Incorporated

  PDS3100Q-13 Datasheet HTML 1Page - Diodes Incorporated PDS3100Q-13 Datasheet HTML 2Page - Diodes Incorporated PDS3100Q-13 Datasheet HTML 3Page - Diodes Incorporated PDS3100Q-13 Datasheet HTML 4Page - Diodes Incorporated PDS3100Q-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
PDS3100Q
Document number: DS33876 Rev. 1 - 2
2 of 5
www.diodes.com
February 2014
© Diodes Incorporated
PDS3100Q
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
RMS Reverse Voltage
VR(RMS)
70
V
Average Rectified Output Current (see also Figure 5)
IO
3
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
90
A
Thermal Characteristics
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point
RθJS
⎯
6.0
°C/W
Thermal Resistance Junction to Ambient Air (Note 6) TA = +25°C
RθJA
95
⎯
°C/W
Thermal Resistance Junction to Ambient Air (Note 7) TA = +25°C
RθJA
70
⎯
°C/W
Thermal Resistance Junction to Ambient Air (Note 8) TA = +25°C
RθJA
50
⎯
°C/W
Operating Temperature Range
TJ
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 9)
V(BR)R
100
⎯
⎯
V
IR = 0.2mA
Forward Voltage
VF
⎯
0.71
0.76
V
IF = 3A, TJ = +25°C
⎯
0.61
0.65
IF = 3A, TJ = +100°C
⎯
0.57
0.61
IF = 3A, TJ = +125°C
⎯
0.78
0.84
IF = 6A, TJ = +25°C
⎯
0.68
0.75
IF = 6A, TJ = +100°C
⎯
0.64
0.68
IF = 6A, TJ = +125°C
Reverse Current (Note 9)
IR
⎯
2
100
μA
TJ = +25°C, VR = 100V
⎯
0.4
5
mA
TJ = +100°C, VR = 100V
⎯
2
20
mA
TJ = +125°C, VR = 100V
Notes:
6. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com.
7. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com.
8. Polymide PCB, 2 oz. Copper. Cathode pad dimensions 9.4mm x 7.2mm. Anode pad dimensions 2.7mm x 1.6mm.
9. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com