| 전자부품 데이터시트 검색엔진 |
|
LTC1044AC 데이터시트(PDF) 1 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1044AC 데이터시트(HTML) 1 Page - Linear Technology |
|
1 / 12 page ![]() 1 LTC1044A 12V CMOS Voltage Converter DESCRIPTIO S FEATURE S APPLICATI s 1.5V to 12V Operating Supply Voltage Range s 13V Absolute Maximum Rating s 200 µA Maximum No Load Supply Current at 5V s Boost Pin (Pin 1) for Higher Switching Frequency s 97% Minimum Open Circuit Voltage Conversion Efficiency s 95% Minimum Power Conversion Efficiency s IS = 1.5µA with 5V Supply When OSC Pin = 0V or V + s High Voltage Upgrade to ICL7660/LTC1044 s Conversion of 10V to ±10V Supplies s Conversion of 5V to ±5V Supplies s Precise Voltage Division: VOUT = VIN/2 ±20ppm s Voltage Multiplication: VOUT = ±nVIN s Supply Splitter: VOUT = ±VS/2 s Automotive Applications s Battery Systems with 9V Wall Adapters/Chargers The LTC1044A is a monolithic CMOS switched-capacitor voltage converter. It plugs in for ICL7660/LTC1044 in applications where higher input voltage (up to 12V) is needed. The LTC1044A provides several conversion func- tions without using inductors. The input voltage can be inverted (VOUT = – VIN), doubled (VOUT = 2VIN), divided (VOUT = VIN/2) or multiplied (VOUT = ±nVIN). To optimize performance in specific applications, a boost function is available to raise the internal oscillator fre- quency by a factor of 7. Smaller external capacitors can be used in higher frequency operation to save board space. The internal oscillator can also be disabled to save power. The supply current drops to 1.5 µA at 5V input when the OSC pin is tied to GND or V +. APPLICATI TYPICAL Generating – 10V from 10V Output Voltage vs Load Current, V + = 10V LOAD CURRENT (mA) 0 –4 –2 0 40 LTC1044A • TA02 –6 –8 –5 –3 –1 –7 –9 –10 10 20 30 50 60 70 80 90 100 TA = 25°C C1 = C2 = 10 µF SLOPE = 45 Ω 1 2 3 4 8 7 6 5 LTC1044A V+ OSC LV VOUT BOOST CAP+ GND CAP– + 10 µF 10 µF 10V INPUT –10V OUTPUT LTC1044A • TA01 |
유사한 부품 번호 - LTC1044AC |
|
유사한 설명 - LTC1044AC |