| 전자부품 데이터시트 검색엔진 |
|
UPD754304GS 데이터시트(PDF) 13 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD754304GS 데이터시트(HTML) 13 Page - NEC |
|
13 / 74 page ![]() µPD754302, 754304, 754302(A), 754304(A) 13 3.4 Recommended Connections for Unused Pins Table 3-1. List of Recommended Connections for Unused Pins Pin Recommended Connection P00/INT4 Connect to VSS or VDD P01/SCK Connect to VSS or VDD through the resistor individually P02/SO/SB0 P03/SI Connect to VSS P10/INT0-P12/INT2 Connect to VSS or VDD P13/TI0/TI1 P20/PTO0 Input state : Connect to VSS or VDD through the resistor P21/PTO1 individually P22/PCL Output state : Leave open P23 P30-P33 P50-P53 Input state : Connect to VSS Output state : Connect to VSS (Pull-up resistor by mask option should not be connected) P60/KR0-P63/KR3 Input state : Connect to VSS or VDD through the resistor P70/KR4-P73/KR7 individually P80, P81 Output state : Leave open IC Connect to VDD directly |