| 전자부품 데이터시트 검색엔진 |
|
LTC1067-50CS 데이터시트(PDF) 13 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1067-50CS 데이터시트(HTML) 13 Page - Linear Technology |
|
13 / 20 page ![]() 13 LTC1067/LTC1067-50 Aliasing Aliasing is an inherent phenomenon of switched-capacitor filters and occurs when the frequency of the input signals that produce the strongest aliased components have a frequency, fIN, such as (fSAMPLING – fIN) that falls into the filter’s passband. For both the LTC1067 and the LTC1067-50, the sampling frequency is twice fCLK. If the input signal spectrum is not band limited, aliasing may occur. Output Loading The op amps on the LTC1067/LTC1067-50 have a rail-to- rail output stage. The output loading issues can be divided into resistive loading effects and capacitive loading ef- fects. Resistive loading effects the maximum output signal swing. This effect is shown in the typical performance curves. Note that the load on the output must include both the feedback resistor and any external load resistor. For example, consider the following situation: the part is running on split power supplies, the section is configured in Mode 3, the R4 resistor is 20k and an external 20k load is connected from the LP node to ground. The load on the LP output is 20k in parallel with 20k, or 10k. All testing on the LTC1067/LTC1067-50 is done with a 10k load. For the best results, the load resistance on all output pins should be at least 10k. Capacitive loading reduces the stability of the op amps. The signal at the output of a switched-capacitor filter is composed of a series of very small steps. The op amp must respond to a step and fully settle before the next step. As the stability of the op amp is decreased, the output step response has increased ringing and a much longer settling time. This longer settling time drastically lowers the maxi- mum usable clock speed and introduces errors. If the capacitive loading is sufficiently high, the stability will be decreased to the point of oscillation at the output. The LTC1067/LTC1067-50 are sensitive to capacitive load- ing. Capacitive loading should be kept below 20pF. Good, tight layout techniques should be maintained at all times. These parts should not drive long traces and never drive a long coaxial cable. When probing the LTC1067 or APPLICATIONS INFORMATION LTC1067-50, always use a 10 × probe. Never use a 1× probe. A standard 10 × probe has a capacitance of 10pF to 15pF while a 1 × probe’s capacitance can be as high as 150pF. The 1 × probe will probably cause oscillation. What to Do with an Unused Section If the LTC1067 or LTC1067-50 is used as a single 2nd order filter, the other 2nd order section is not used. Do not leave this section unconnected. If the section is uncon- nected, inputs and outputs are left to float to undetermined levels and oscillation may occur. The unused section should be connected as shown in Figure 10. Output Voltage Swing on a Single Supply Voltage The typical performance curves show the output voltage swing limitations. The curves show the output signal swing, in volts peak-to-peak, versus the output load resis- tance. The peak-to-peak swing is limited by the following three considerations: the op amp’s output swings closer to the negative supply than the positive supply, the AGND pin is biased at the midpoint of the supplies and all operating modes are inverting. The op amps in the LTC1067/LTC1067-50 swing closer to the negative supply rail than the positive supply rail. The positive output voltage swing for single supply operation is shown in Figures 11 and 12. The negative output voltage swing is about 15mV for the LTC1067 and 10mV for the LTC1067-50. The negative output voltage swing is nearly independent of load resistance since the load in this case is connected to the V – supply rail. For single supply applications, the on-chip resistor divider sets the voltage at the AGND pin to the midpoint of the V + and V – potentials. The AGND voltage is the reference for all internal op amps. If the input to the filter is at the V – rail, + – V+ ∑ 1067 F10 INV HP BP LP Figure 10. Connections for an Unused Section |