전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD7564ACS 데이터시트(PDF) 2 Page - NEC

부품명 UPD7564ACS
상세설명  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD7564ACS 데이터시트(HTML) 2 Page - NEC

  UPD7564ACS Datasheet HTML 1Page - NEC UPD7564ACS Datasheet HTML 2Page - NEC UPD7564ACS Datasheet HTML 3Page - NEC UPD7564ACS Datasheet HTML 4Page - NEC UPD7564ACS Datasheet HTML 5Page - NEC UPD7564ACS Datasheet HTML 6Page - NEC UPD7564ACS Datasheet HTML 7Page - NEC UPD7564ACS Datasheet HTML 8Page - NEC UPD7564ACS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
2
µPD7564A, 7564A(A)
ORDERING INFORMATION
Ordering Code
Package
Quality Grade
µPD7564ACS-×××
20-pin plastic shrink DIP (300 mil)
Standard
µPD7564AG-×××
20-pin plastic SOP (300 mil)
Standard
µPD7564ACS(A)-×××
20-pin plastic shrink DIP (300 mil)
Special
µPD7564AG(A)-×××
20-pin plastic SOP (300 mil)
Special
Caution
Be sure to specify a mask option when ordering this device.
Remarks
"
×××" is a ROM code number.
Please refer to “Quality grade on NEC Semiconductor Devices” (Document number IEI-1209) published by
NEC Corporation to know the specification of quality grade on the devices and its recommended applications.
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56