전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD7564ACSA 데이터시트(PDF) 16 Page - NEC

부품명 UPD7564ACSA
상세설명  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

UPD7564ACSA 데이터시트(HTML) 16 Page - NEC

Back Button UPD7564ACSA Datasheet HTML 12Page - NEC UPD7564ACSA Datasheet HTML 13Page - NEC UPD7564ACSA Datasheet HTML 14Page - NEC UPD7564ACSA Datasheet HTML 15Page - NEC UPD7564ACSA Datasheet HTML 16Page - NEC UPD7564ACSA Datasheet HTML 17Page - NEC UPD7564ACSA Datasheet HTML 18Page - NEC UPD7564ACSA Datasheet HTML 19Page - NEC UPD7564ACSA Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
16
µPD7564A, 7564A(A)
2.5
DATA MEMORY (RAM): 64
× 4 BITS
The data memory is a static RAM of 64 word
× 4 bits configuration. It is used as the area to store or stack processed
data. The data memory may be processed in 8-bit units when paired with the accumulator.
Fig. 2-6 Data Memory Map
( 0 ) 00H
(63) 3FH
64 Words
× 4 Bits
The data memory is addressed in the following three ways:
• Direct: Direct addressing based on immediate data of an instruction
• Register indirect: Indirect addressing according to the contents of the pair register HL (including automatic
incrementation and decrementation)
• Stack: Indirect addressing according to the contents of the stack pointer (SP)
An arbitrary space of the data memory is available as stack memory. The boundary of the stack area is specified
when the TAMSP instruction initializes the SP. After that, the stack area is accessed automatically by the call or return
instruction.
After the call instruction is executed, the content of the PC and PSW is stored in the order shown in the following
diagram:
0
0
PC9
PC8
30
PSW*
PC3 – PC0
PC7 – PC4
SP – 4
SP – 3
SP – 2
SP – 1
Stack Area
* Bit 1 is fixed at 0.
When the return instruction is executed, the content of the PSW is not restored while those of the PC are restored.
Data in the data memory is retained at a low supply voltage in the STOP mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com