전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SVR006 데이터시트(PDF) 1 Page - Solid States Devices, Inc

부품명 SVR006
상세설명  PRECISION SHUNT REGULATOR DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSDI [Solid States Devices, Inc]
홈페이지  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SVR006 데이터시트(HTML) 1 Page - Solid States Devices, Inc

  SVR006_15 Datasheet HTML 1Page - Solid States Devices, Inc SVR006_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SVR1009 __ __
└ Screening 2/ __ = Not Screened
H = High Rel Level
K = Space Level
Package 3/
-4 = LCC 4
/46 = TO-46
/18 = TO-18
SVR1009
SERIES
2.5 Volts
PRECISION SHUNT
REGULATOR DIODE
Features:
• Replacement for LT1009 and LM316 Types
• Eutectic Die Attach
• Maximum Initial Tolerance: 1%
• Guaranteed Temperature Stability
• Typ. 0.2Ω Dynamic Impedance
• Wide Operating Current Range
• Hermetically Sealed Package
• 125oC Operating Temperature
• Class H or K (Space) Screening Available
Maximum Ratings
4/
Symbol
Value
Units
Reverse Current
IR
15
mA
Forward Current
Long Term Stability (IR = 1 mA, TA = 25 + 0.1
oC)
IF
ΔV
Z/VZ/ΔTime
10
20
mA
ppm/khr
Operating Temperature
TOP
-55 to +150
ºC
Storage Temperature
TSTG
-65 to +150
ºC
LCC 4 (-4):
TO-46 (/46):
TO-18 (/18):
FOR PACKAGE OUTLINE REQUEST FOLLOWING DOCUMENTS
PIN ASSIGNMENT
PACKAGE
DOCUMENT
PACKAGE
Anode
Cathode
Adjust
LCC 4 (-4)
60-0149-323
LCC 4 (-4)
Pins 1, 2
Pin 4
Pin 3
TO-46 (/46)
60-0149-046
TO-46 (/46)
Pin 1
Pin 2
Pin 3
TO-18 (/18)
60-0149-018
TO-18 (/18)
Pin 1
Pin 2
Pin 3
NOTE: All specifications are subject to change without notification. SCD's for
these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SVR006C
DOC


유사한 부품 번호 - SVR006_15

제조업체부품명데이터시트상세설명
logo
Solid States Devices, I...
SVR006 SSDI-SVR006 Datasheet
68Kb / 2P
PRECISION SHUNT REGULATOR DIODE
More results

유사한 설명 - SVR006_15

제조업체부품명데이터시트상세설명
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Solid States Devices, I...
SVR1009 SSDI-SVR1009 Datasheet
473Kb / 2P
2.5 Volts PRECISION SHUNT REGULATOR DIODE
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
TL431Z ETC2-TL431Z Datasheet
574Kb / 15P
PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Solid States Devices, I...
SVR1009 SSDI-SVR1009_1 Datasheet
68Kb / 2P
PRECISION SHUNT REGULATOR DIODE
SVR006 SSDI-SVR006 Datasheet
68Kb / 2P
PRECISION SHUNT REGULATOR DIODE
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com