전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC1735 데이터시트(PDF) 3 Page - Linear Technology

부품명 LTC1735
상세설명  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC1735 데이터시트(HTML) 3 Page - Linear Technology

  LTC1735 Datasheet HTML 1Page - Linear Technology LTC1735 Datasheet HTML 2Page - Linear Technology LTC1735 Datasheet HTML 3Page - Linear Technology LTC1735 Datasheet HTML 4Page - Linear Technology LTC1735 Datasheet HTML 5Page - Linear Technology LTC1735 Datasheet HTML 6Page - Linear Technology LTC1735 Datasheet HTML 7Page - Linear Technology LTC1735 Datasheet HTML 8Page - Linear Technology LTC1735 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
LTC1735
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LTC1735CS, LTC1735IS: TJ = TA + (PD • 110 °C/W)
LTC1735CGN, LTC1735IGN: TJ = TA + (PD • 130°C/W)
Note 3: The LTC1735 is tested in a feedback loop that servos VOSENSE to
the balance point for the error amplifier (VITH = 1.2V).
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 5: Oscillator frequency is tested by measuring the COSC charge
current (IOSC) and applying the formula:
f
CpF
I
I
OSC
OSC
CHG
DIS
=
+


+


8 477 10
11
11
11
1
.(
)
()
Note 6: The minimum on-time condition corresponds to an inductor peak-
to-peak ripple current
≥40% of IMAX (see Minimum On-Time
Considerations in the Applications Information section).
Note 7: Rise and fall times are measured using 10% and 90% levels.
Delay times are measured using 50% levels.
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS = 5V unless otherwise noted.
ISENSE
Sense Pins Total Source Current
VSENSE
= VSENSE+ = 0V
60
80
µA
tON(MIN)
Minimum On-Time
Tested with a Square Wave (Note 6)
160
200
ns
TG Transition Time:
(Note 7)
TG tr
Rise Time
CLOAD = 3300pF
50
90
ns
TG tf
Fall Time
CLOAD = 3300pF
50
90
ns
BG Transition Time:
(Note 7)
BG tr
Rise Time
CLOAD = 3300pF
50
90
ns
BG tf
Fall Time
CLOAD = 3300pF
40
80
ns
TG/BG t1D
Top Gate Off to Synchronous
CLOAD = 3300pF Each Driver
100
ns
Gate On Delay Time
TG/BG t2D
Synchronous Gate Off to Top
CLOAD = 3300pF Each Driver
70
ns
Gate On Delay Time
Internal VCC Regulator
VINTVCC
Internal VCC Voltage
6V < VIN < 30V, VEXTVCC = 4V
5.0
5.2
5.4
V
VLDO(INT)
Internal VCC Load Regulation
ICC = 0 to 20mA, VEXTVCC = 4V
0.2
1
%
VLDO(EXT)
EXTVCC Drop Voltage
ICC = 20mA, VEXTVCC = 5V
130
200
mV
VEXTVCC
EXTVCC Switchover Voltage
ICC = 20mA, EXTVCC Ramping Positive
q
4.5
4.7
V
VEXTVCC(HYS)
EXTVCC Hysteresis
0.2
V
Oscillator
fOSC
Oscillator Frequency
COSC = 43pF (Note 5)
265
300
335
kHz
fH/fOSC
Maximum Sync Frequency Ratio
1.3
fFCB(SYNC)
FCB Pin Threshold For Sync
Ramping Negative
0.9
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com