| 전자부품 데이터시트 검색엔진 |
|
LSCR 데이터시트(PDF) 3 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
LSCR 데이터시트(HTML) 3 Page - Littelfuse |
|
3 / 4 page ![]() 82 Semiconductor Fuses 150/250/500/600/700 VAC s Very Fast-Acting s 1 – 1000 Amperes AMPERE RATING DIMENSIONS IN INCHES (mm in parentheses) FIG. NO. ABC D E F G H 1 – 30 1 1-1/2 — 3/8 13/32 ———— (38.1) (9.5) (10.3) 31 – 60 1 2 — 5/8 13/16 ———— (50.8) (15.9) (20.6) 61 – 450 3 1-5/32 1-7/8 2-3/16 2-21/32 1 43/64 5/16 3/16 (29.4) (47.6) (55.6) (67.5) (25.4) (17.1) (7.9) (4.8) 451 – 1000 3 1-1/4 1-15/16 2-9/16 3-1/2 1-1/2 1 13/32 1/4 (31.8) (49.2) (65.1) (88.9) (38.1) (25.4) (10.3) (6.4) L15S SERIES, 150* VOLTS AC (Replaces KLA, KLW, L13S) AMPERE RATING DIMENSIONS IN INCHES (mm in parentheses) FIG. NO. ABC D E F G H 1 – 30 1 2 — 1/2 9/16 ———— (50.8) (12.7) (14.3) 31 – 60 2 1-5/8 2-1/4 2-1/2 3-3/16 13/16 23/32 11/32 1/8 (41.3) (57.2) (63.5) (81.0) (20.6) (18.3) (8.7) (3.2) 61 – 200 3 1-5/8 2-5/16 2-7/16 3-1/8 1-7/32 1 5/16 3/16 (41.3) (58.7) (61.9) (79.4) (31.0) (25.4) (7.9) (4.8) 201 – 700 3 1-19/32 2-9/32 2-29/32 3-27/32 1-1/2 1 13/32 1/4 (40.5) (57.9) (73.8) (97.6) (38.1) (25.4) (10.3) (6.4) 701 – 800 3 1-19/32 2-9/32 2-29/32 3-27/32 2 1-1/2 13/32 1/4 (40.5) (57.9) (73.8) (97.6) (50.8) (38.1) (10.3) (6.4) L25S SERIES, 250 VOLTS AC (Replaces KLB) AMPERE RATING DIMENSIONS IN INCHES (mm in parentheses) FIG. NO. ABC D E F G H 10 – 30 1 2 — 1/2 9/16 ———— (50.8) (12.7) (14.3) 31 – 60 2 1-5/8 2-1/4 2-1/2 3-3/16 13/16 23/32 11/32 1/8 (41.3) (57.2) (63.5) (81.0) (20.6) (18.3) (8.7) (3.2) 61 – 100 3 2-1/8 2-11/16 3-1/32 3-5/8 1 3/4 11/32 1/8 (54.0) (68.3) (77.0) (92.1) (25.4) (19.1) (8.7) (3.2) 101 – 200 3 2-1/8 2-13/16 2-15/16 3-5/8 1-7/32 1 5/16 3/16 (54.0) (71.4) (74.6) (92.1) (31.0) (25.4) (7.9) (4.8) 201 – 400 3 2-3/32 2-25/32 3-13/32 4-11/32 1-1/2 1 13/32 1/4 (53.2) (70.6) (86.5) (110.3) (38.1) (25.4) (10.3) (6.4) 401 – 600 3 2-7/32 2-29/32 3-17/32 4-15/32 2 1-1/2 13/32 1/4 (56.4) (73.8) (89.7) (113.5) (50.8) (38.1) (10.3) (6.4) 601 – 800 3 2-7/32 4-9/32 4-5/8 6-15/32 2-1/2 2 17/32 3/8 (56.4) (108.7) (117.5) (164.3) (63.5) (50.8) (13.5) (9.5) L50S SERIES, 500 VOLTS AC / 450 VOLTS DC (Replaces KLH) E H F G A B C D Fig, 2 A C D Fig. 1 |