전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RC-LED-650-02 데이터시트(PDF) 2 Page - Roithner LaserTechnik GmbH

부품명 RC-LED-650-02
상세설명  resonant cavity led module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROITHNER [Roithner LaserTechnik GmbH]
홈페이지  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RC-LED-650-02 데이터시트(HTML) 2 Page - Roithner LaserTechnik GmbH

  RC-LED-650-02 Datasheet HTML 1Page - Roithner LaserTechnik GmbH RC-LED-650-02 Datasheet HTML 2Page - Roithner LaserTechnik GmbH RC-LED-650-02 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.roithner-laser.com
2
Drawing
All dimensions units are mm
Electrical Connection
Lead
Description
PIN 1
Anode
PIN 2
Cathode
Additional Information
RC-LED chip structure
Collimated far field beam pattern
6.4
14.0
0.2 x 45°
18.0
9.8
PIN 1
PIN 2



Html Pages

1 2 3