전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMC910 데이터시트(PDF) 2 Page - Roithner LaserTechnik GmbH

부품명 SMC910
상세설명  Invisible LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROITHNER [Roithner LaserTechnik GmbH]
홈페이지  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMC910 데이터시트(HTML) 2 Page - Roithner LaserTechnik GmbH

  SMC910 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMC910 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
28.11.2011
SMC910
2 of 2
Recommended Land Layout (Unit: mm)
1. Soldering Conditions
• DO NOT apply any stress to the lead particularly when heat.
• After soldering the LEDs should be protected from mechanical shock or vibration until the
LEDs return to room temperature.
• When it is necessary to clamp the LEDs to prevent soldering failure, it is important to
minimize the mechanical stress on the LEDs.
Soldering Conditions
2. Static Electricity
• The LEDs are very sensitive to Static Electricity and surge voltage. So it is recommended
that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
• All devices, equipment and machinery must be grounded properly. It is recommended that
precautions should be taken against surge voltage to the equipment that mounts the LEDs.



Html Pages

1 2