전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP8256 데이터시트(PDF) 1 Page - SamHop Microelectronics Corp.

부품명 SP8256
상세설명  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SP8256 데이터시트(HTML) 1 Page - SamHop Microelectronics Corp.

  SP8256 Datasheet HTML 1Page - SamHop Microelectronics Corp. SP8256 Datasheet HTML 2Page - SamHop Microelectronics Corp. SP8256 Datasheet HTML 3Page - SamHop Microelectronics Corp. SP8256 Datasheet HTML 4Page - SamHop Microelectronics Corp. SP8256 Datasheet HTML 5Page - SamHop Microelectronics Corp. SP8256 Datasheet HTML 6Page - SamHop Microelectronics Corp. SP8256 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Suface Mount Package.
S mHop Microelectronics C orp.
a
SP8256
Symbol
VDS
VGS
IDM
75
W
A
PD
°C
1.67
-55 to 150
ID
Units
Parameter
20
11
90
°C/W
V
V
±12
TA=25°C
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
20V
11A
8.6
@
VGS=3.9V
8.3
@
VGS=4.5V
FEATURES
Super high dense cell design for low RDS(ON).
Rugged and reliable.
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Limit
Drain Current-Continuous
c
-Pulsed ac
A
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
Thermal Resistance, Junction-to-Ambient
R JA
www.samhop.com.tw
Dec,26,2014
1
Details are subject to change without notice.
TA=25°C
TA=70°C
A
TA=70°C
W
Dual N-Channel Enhancement Mode Field Effect Transistor
Green
Product
ESD Protected.
G2
S1
S1
G1
S2
S2
1
2
3
4
5
6
Bottom Drain Contact
8.8
1.07
10.0
@
VGS=3.1V
12.5
@
VGS=2.5V
9.0
@
VGS=3.5V
D
DF
F N
N 2
2X
X 5
5
(Bottom view)
G1
S1
S1
G2
S2
S2
D1/D2
Ver 1.3
5.5
°C/W
Thermal Resistance, Junction-to-Case
R JC


유사한 부품 번호 - SP8256

제조업체부품명데이터시트상세설명
logo
SamHop Microelectronics...
SP8255 SAMHOP-SP8255 Datasheet
95Kb / 7P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results

유사한 설명 - SP8256

제조업체부품명데이터시트상세설명
logo
SamHop Microelectronics...
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SDUD07N65 SAMHOP-SDUD07N65 Datasheet
137Kb / 11P
Super high dense cell design for low RDS(ON).
SP2106 SAMHOP-SP2106 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP2702 SAMHOP-SP2702 Datasheet
115Kb / 7P
Super high dense cell design for low RDS(ON).
SP3902 SAMHOP-SP3902 Datasheet
118Kb / 7P
Super high dense cell design for low RDS(ON).
SP4401 SAMHOP-SP4401 Datasheet
129Kb / 8P
Super high dense cell design for low RDS(ON).
SP8007 SAMHOP-SP8007 Datasheet
120Kb / 8P
Super high dense cell design for low RDS(ON).
SP8076 SAMHOP-SP8076 Datasheet
85Kb / 6P
Super high dense cell design for low RDS(ON).
SP8601 SAMHOP-SP8601 Datasheet
103Kb / 7P
Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com