전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CUN9AF1B 데이터시트(PDF) 17 Page - Roithner LaserTechnik GmbH

부품명 CUN9AF1B
상세설명  High power UV LED series are designed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROITHNER [Roithner LaserTechnik GmbH]
홈페이지  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

CUN9AF1B 데이터시트(HTML) 17 Page - Roithner LaserTechnik GmbH

Back Button CUN9AF1B Datasheet HTML 11Page - Roithner LaserTechnik GmbH CUN9AF1B Datasheet HTML 12Page - Roithner LaserTechnik GmbH CUN9AF1B Datasheet HTML 13Page - Roithner LaserTechnik GmbH CUN9AF1B Datasheet HTML 14Page - Roithner LaserTechnik GmbH CUN9AF1B Datasheet HTML 15Page - Roithner LaserTechnik GmbH CUN9AF1B Datasheet HTML 16Page - Roithner LaserTechnik GmbH CUN9AF1B Datasheet HTML 17Page - Roithner LaserTechnik GmbH CUN9AF1B Datasheet HTML 18Page - Roithner LaserTechnik GmbH CUN9AF1B Datasheet HTML 19Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
서식Rev: 00
www.seoulviosys.com
www.seoulviosys.com
17
1) Storage
•
To avoid moisture penetration, we recommend storing UV LEDs in a dry box with a desiccant.
The recommended temperature and Relative humidity are between 5℃ and 30℃ and below
50% respectively.
•
LEDs must be stored properly to maintain the device. If the LEDs are stored for 3 months or
more after being shipped from SVC, a sealed container with a nitrogen atmosphere should be
used for storage.
•
Replace the remained LEDs into the moisture-proof bag and reseal the bag after work to avoid
those LEDs being exposed to moisture. Prolonged exposure to moisture can adversely affect
the proper functioning of the LEDs.
•
If the package has been opened, components should be dried for 10-12hr at 60±5℃
•
The conditions of resealing are as follows
– Temperature is 5 to 40℃ and Relative humidity is less than 30%
2) Handling Precautions
•
VOCs (Volatile organic compounds) emitted from materials used in the construction of fixtures
can
penetrate silicone encapsulants of LEDs and discolor them when exposed to heat and
photonic energy.
The result can be a significant loss of light output from the fixture.
Knowledge of the properties of
the materials selected to be used in the construction of
fixtures can help prevent these issues.
•
In case of attaching LEDs, do not use adhesives that outgas organic vapor.
•
Soldering should be done as soon as possible after opening the moisture-proof bag.
•
Do not rapidly cool device after soldering.
•
Do not apply mechanical force or excess vibration during the cooling process to normal
temperature after soldering.
•
Components should not be mounted on warped (non coplanar) portion of PCB.
•
The optical window part of LED needs to be handled carefully as below
– Avoid touching the optical window especially with sharp tools such as Pincettes (Tweezers)
– Avoid leaving fingerprints on optical window parts.
– Optical window will attract dust so use covered containers for storage.
– When populating boards in SMT production, there are basically no restrictions regarding
the form of the pick and place nozzle, except that excessive mechanical pressure on the
surface of optical window parts must be prevented.
– It is not recommend to cover the optical window of the LEDs with other resin (epoxy,
urethane, etc)
Precaution for use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com