전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STUD09N25 데이터시트(PDF) 7 Page - SamHop Microelectronics Corp.

부품명 STUD09N25
상세설명  Super high dense cell design for low RDS(ON).
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD09N25 데이터시트(HTML) 7 Page - SamHop Microelectronics Corp.

Back Button STUD09N25 Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD09N25 Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD09N25 Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD09N25 Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD09N25 Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD09N25 Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD09N25 Datasheet HTML 8Page - SamHop Microelectronics Corp. STUD09N25 Datasheet HTML 9Page - SamHop Microelectronics Corp. STUD09N25 Datasheet HTML 10Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.samhop.com.tw
7
PACKAGE OUTLINE DIMENSIONS
TO-251
b3
D
E
D1
12
3
L4
e
L5
H
b4
b2
b
E1
A
c2
L
c
SYMBOL
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
E
6.400
6.731
L
3.980
4.280
L4
0.698 REF
L5
0.972
1.226
6.000
D6.223
H
11.050
11.450
b
0.640
0.880
b2
0.770
1.140
5.210
b3
5.460
b4
0.450
0.550
e
2.286 BSC
A
2.200
2.380
c
0.400
0.600
0.400
0.600
c2
D1
5.100
E1
4.400
0.252
0.265
0.157
0.169
0.027 REF
0.038
0.048
0.236
0.245
0.435
0.450
0.025
0.035
0.030
0.045
0.205
0.215
0.018
0.022
0.090 BSC
0.087
0.094
0.016
0.024
0.016
0.024
0.201
0.173
Ver 1.0
Sep,09,2013
STU09N25
STD09N25



Html Pages

1 2 3 4 5 6 7 8 9 10