전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STUD30N01 데이터시트(PDF) 7 Page - SamHop Microelectronics Corp.

부품명 STUD30N01
상세설명  Super high dense cell design for low RDS(ON).
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD30N01 데이터시트(HTML) 7 Page - SamHop Microelectronics Corp.

Back Button STUD30N01 Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD30N01 Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD30N01 Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD30N01 Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD30N01 Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD30N01 Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD30N01 Datasheet HTML 8Page - SamHop Microelectronics Corp. STUD30N01 Datasheet HTML 9Page - SamHop Microelectronics Corp. STUD30N01 Datasheet HTML 10Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.samhop.com.tw
7
PACKAGE OUTLINE DIMENSIONS
TO-251
b3
D
E
D1
12
3
L4
e
L5
H
b4
b2
b
E1
A
c2
L
c
SYMBOL
MILLIMETERS
MIN
MAX
E
6.350
6.731
L
3.700
4.400
L4
0.698 REF
L5
0.972
1.226
5.970
D6.223
H
9.670
11.450
b
0.630
0.850
b2
0.760
1.140
4.950
b3
5.460
b4
0.450
0.550
e
2.286 BSC
A
2.180
2.390
c
0.400
0.610
0.400
0.610
c2
D1
5.100
E1
4.318
Ver 1.0
Aug,26,2014
STU30N01
STD30N01



Html Pages

1 2 3 4 5 6 7 8 9 10