| 전자부품 데이터시트 검색엔진 |
|
LS7222 데이터시트(PDF) 4 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
LS7222 데이터시트(HTML) 4 Page - LSI Computer Systems |
|
4 / 4 page ![]() TO MASTER ALARM SYSTEM CONTROLLER LOCK INDICATOR +V IMPULSE LATCHING ELECTRO-MECHANICAL LOCK PROGRAM MODE INDICATOR +V 7 8 9 4 5 6 1 2 3 X4 X3 X2 X1 Y4 Y3 Y1 Y2 Ø # * FIGURE 2. TYPICAL APPLICATION 1. Keypad is typical 4 X 3 matrix type. Switch resistance should be ≤ 1kΩ. 2. Configuration shown is typical. The outputs of the LS7222 are functionally designed to provide either status or display information. 3. Resistors may be added in series with X inputs to provide protection against ESD from the keypad. R = 10k Ω, 1/4 W . NOTES: LS7222 R R R R See Note 3 7222-012901-4 |