| 전자부품 데이터시트 검색엔진 |
|
STUD435S 데이터시트(PDF) 6 Page - SamHop Microelectronics Corp. |
|
|
|||||||||||||||||||||||||||||
STUD435S 데이터시트(HTML) 6 Page - SamHop Microelectronics Corp. |
|
6 / 8 page ![]() STU/D435S Ver 1.0 www.samhop.com.tw Jul,01,2011 6 PACKAGE OUTLINE DIMENSIONS TO-251 E2 D E D1 12 3 L2 P L1 H B B2 B1 E1 A C D3 A1 SYMBOL MILLIMETERS INCHES MIN MAX MIN MAX A 2.100 2.500 A1 0.350 0.650 B 0.400 B1 0.650 1.050 0.500 B2 0.900 C 0.400 0.600 D 5.300 5.700 D1 4.900 5.300 6.700 D2 7.300 D3 7.000 8.000 H 13.700 E 6.300 6.700 E1 4.600 4.900 4.800 5.200 E2 L 1.300 L1 1.400 L D2 L2 P 0.800 15.300 1.700 1.800 0.500 0.900 2.300 BSC 0.091 BSC 0.083 0.098 0.014 0.026 0.016 0.031 0.026 0.041 0.020 0.035 0.016 0.024 0.209 0.224 0.193 0.209 0.264 0.287 0.276 0.315 0.539 0.602 0.248 0.264 0.181 0.193 0.189 0.205 0.051 0.067 0.055 0.071 0.020 0.035 |