전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STUD458S 데이터시트(PDF) 3 Page - SamHop Microelectronics Corp.

부품명 STUD458S
상세설명  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD458S 데이터시트(HTML) 3 Page - SamHop Microelectronics Corp.

  STUD458S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD458S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD458S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD458S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD458S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD458S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD458S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD458S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STU/D458S
Ver 1.0
www.samhop.com.tw
Mar,02,2011
3
Tj(°
C)
VDS, Drain-to-Source Voltage(V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage(V)
Figure 2. Transfer Characteristics
ID, Drain Current(A)
Tj, Junction Temperature(°C)
Figure 3. On-Resistance vs. Drain Current
and Gate Voltage
Figure 4. On-Resistance Variation with Drain
Current and Temperature
Tj, Junction Temperature(°C)
Figure 5. Gate Threshold Variation
with Temperature
Tj, Junction Temperature(°C)
Figure 6. Breakdown Voltage Variation
with Temperature
100
80
60
40
20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
VGS=3.5V
VGS=4V
VGS=10V
VGS=4.5V
60
48
36
24
12
0
0
0.7
4.2
3.5
2.8
2.1
1.4
25 C
Tj=125 C
-55 C
18
15
12
9
6
3
0.1
1
20
40
60
80
100
VGS=10V
VGS=4.5V
2.0
1.8
1.6
1.4
1.2
1.0
0
0
100
75
25
50
125
150
VGS=10V
ID=24A
VGS=4.5V
ID=19A
VDS=VGS
ID=250uA
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
-50
-25
0
25
50
75
100 125 150
ID=250uA
1.15
1.10
1.05
1.00
0.95
0.90
0.85
-50
-25
0
25
50
75
100 125 150



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com