전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STUD1530PL 데이터시트(PDF) 6 Page - SamHop Microelectronics Corp.

부품명 STUD1530PL
상세설명  S uper high dense cell design for low R DS (ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD1530PL 데이터시트(HTML) 6 Page - SamHop Microelectronics Corp.

  STUD1530PL Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD1530PL Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD1530PL Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD1530PL Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD1530PL Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD1530PL Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD1530PL Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD1530PL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
S T U/D1530P L
TO-251
E2
D
E
D1
12
3
L2
P
L1
H
B
B2
B1
E1
A
C
D3
A1
SYMBOL
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
2.100
2.500
A1
0.350
0.650
B
0.400
B1
0.650
1.050
0.500
B2
0.900
C
0.400
0.600
D
5.300
5.700
D1
4.900
5.300
6.700
D2
7.300
D3
7.000
8.000
H
13.700
E
6.300
6.700
E1
4.600
4.900
4.800
5.200
E2
L
1.300
L1
1.400
L
D2
L2
P
0.800
15.300
1.700
1.800
0.500
0.900
2.300 BSC
0.091 BSC
0.083
0.098
0.014
0.026
0.016
0.031
0.026
0.041
0.020
0.035
0.016
0.024
0.209
0.224
0.193
0.209
0.264
0.287
0.276
0.315
0.539
0.602
0.248
0.264
0.181
0.193
0.189
0.205
0.051
0.067
0.055
0.071
0.020
0.035



Html Pages

1 2 3 4 5 6 7 8