전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC1709-7 데이터시트(PDF) 7 Page - Linear Technology

부품명 LTC1709-7
상세설명  2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC1709-7 데이터시트(HTML) 7 Page - Linear Technology

Back Button LTC1709-7_15 Datasheet HTML 3Page - Linear Technology LTC1709-7_15 Datasheet HTML 4Page - Linear Technology LTC1709-7_15 Datasheet HTML 5Page - Linear Technology LTC1709-7_15 Datasheet HTML 6Page - Linear Technology LTC1709-7_15 Datasheet HTML 7Page - Linear Technology LTC1709-7_15 Datasheet HTML 8Page - Linear Technology LTC1709-7_15 Datasheet HTML 9Page - Linear Technology LTC1709-7_15 Datasheet HTML 10Page - Linear Technology LTC1709-7_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LTC1709-7
TYPICAL PERFOR A CE CHARACTERISTICS
Current Sense Pin Input Current
vs Temperature
EXTVCC Switch Resistance
vs Temperature
Oscillator Frequency
vs Temperature
TEMPERATURE (
°C)
–50
–25
25
29
35
0
50
75
17097 G20
27
33
31
25
100
125
VOUT = 5V
TEMPERATURE (
°C)
–50
–25
0
4
10
0
50
75
17097 G21
2
8
6
25
100
125
TEMPERATURE (
°C)
–50
200
250
350
25
75
17097 G22
150
100
–25
0
50
100
125
50
0
300
VFREQSET = 5V
VFREQSET = OPEN
VFREQSET = 0V
Undervoltage Lockout
vs Temperature
TEMPERATURE (
°C)
–50
3.40
3.45
3.50
25
75
17097 G23
3.35
3.30
–25
0
50
100
125
3.25
3.20
VRUN/SS Shutdown Latch
Thresholds vs Temperature
TEMPERATURE (
°C)
–50
–25
0
0.5
1.5
2.0
2.5
75
100
50
4.5
17097 G24
1.0
0
25
125
3.0
3.5
4.0
LATCH ARMING
LATCHOFF
THRESHOLD
RUN/SS (Pin 1): Combination of Soft-Start, Run Control
Input and Short-Circuit Detection Timer. A capacitor to
ground at this pin sets the ramp time to full current output.
Forcing this pin below 0.8V causes the IC to shut down all
internal circuitry. All functions are disabled in shutdown.
SENSE1+, SENSE2+ (Pins 2,14): The (+) Input to Each
Differential Current Comparator. The ITH pin voltage and
built-in offsets between SENSEand SENSE+ pins in
conjunction with RSENSE set the current trip threshold.
PI FU CTIO S
SENSE1, SENSE2(Pins 3, 13): The (–) Input to the
Differential Current Comparators.
EAIN (Pin 4): Input to the error amplifier that compares the
feedback voltage to the internal 0.8V reference voltage.
This pin is normally connected to a resistive divider from
the output of the differential amplifier (DIFFOUT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com