전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LED940-66-60 데이터시트(PDF) 1 Page - Roithner LaserTechnik GmbH

부품명 LED940-66-60
상세설명  High Power LED Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROITHNER [Roithner LaserTechnik GmbH]
홈페이지  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED940-66-60 데이터시트(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED940-66-60 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED940-66-60 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED940-66-60 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
25.04.2012
LED940-66-60
1 of 3
LED940-66-60
TECHNICAL DATA
High Power LED Array, 60 chips
GaAs
LED940-66-60 is a wide viewing and extremely high output power illuminator assembled with a
total of 60 high efficiency GaAs diode chips, mounted on a metal stem TO-66 with AIN ceramics
and covered with double coated clear silicone and epoxy resin.
These devices are designed for high current operation with proper heat sinking to improver thermal
conductive efficiency.
Specifications
(Unit: mm)
•
Structure:
GaAs, 60 LED chips
•
Peak Wavelength:
940 nm
•
Optical Output Power:
300 mW
•
Package:
TO-66 stem with AIN
•
Lens:
clear epoxy resin
Absolute Maximum Ratings (TA=25°C)
Item
Symbol
Value
Unit
Power Dissipation
PD
7.0
W
Forward Current
IF
1
A
Pulse Forward Current *
1
IFP
5
A
Reverse Voltage
VR
50
V
Junction Temperature
TJ
100
°C
Thermal Resistance *
2
RTH
9
K/W
Operating Temperature
Topr
-30 … +80
°C
Storage Temperature
Tstg
-30 … +110
°C
Soldering Temperature *
3
Tsol
240
°C
*
1 duty = 1%, pulse width = 1 µs
*
2 junction – package, mounted on heat sink
*
3 must be completed within 3 seconds at 260°C
Electro-Optical Characteristics
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Peak Wavelength
λ
P
IF = 800 mA
930
940
955
nm
Half Width
Δλ
IF = 800 mA
-
60
-
nm
Total Radiated Power
PO
IF = 800 mA
-
300
-
mW
Radiant Intensity
IE
IF = 800 mA
-
-
-
mW/sr
Forward Voltage
VF
IF = 800 mA
-
6.7
-
V
Reverse Voltage
VR
IR = 10 µA
50
-
-
V
Viewing Half Angle
Θ
1/2
IF = 800 mA
-
±60
-
deg.
Radiated Power measured by S3584-08
Heat Sink is required
, to keep the LED at ≤60 °C.
Note: The above specifications are for reference purpose only and subjected to change without prior notice.


유사한 부품 번호 - LED940-66-60

제조업체부품명데이터시트상세설명
logo
Roithner LaserTechnik G...
LED940-04A ROITHNER-LED940-04A Datasheet
144Kb / 3P
Dual LED
LED940-40 ROITHNER-LED940-40 Datasheet
241Kb / 1P
High Power Metal Stem LED Lamp
More results

유사한 설명 - LED940-66-60

제조업체부품명데이터시트상세설명
logo
Roithner LaserTechnik G...
LED47W-66-16100 ROITHNER-LED47W-66-16100 Datasheet
136Kb / 2P
High Power LED Array
LED365-66-60 ROITHNER-LED365-66-60 Datasheet
135Kb / 2P
High Power LED Array
LED385-66-60-110 ROITHNER-LED385-66-60-110 Datasheet
123Kb / 2P
High Power LED Array
LED450-66-60 ROITHNER-LED450-66-60 Datasheet
136Kb / 2P
High Power LED Array
LED590-66-60 ROITHNER-LED590-66-60 Datasheet
136Kb / 2P
High Power LED Array
LED645-66-60 ROITHNER-LED645-66-60 Datasheet
136Kb / 2P
High Power LED Array
LED670-66-60 ROITHNER-LED670-66-60 Datasheet
135Kb / 2P
High Power LED Array
LED850-66-60 ROITHNER-LED850-66-60 Datasheet
275Kb / 3P
High Power LED Array
LED1200-66-60 ROITHNER-LED1200-66-60 Datasheet
118Kb / 1P
High Power LED Array
LED1300-66-60 ROITHNER-LED1300-66-60 Datasheet
137Kb / 2P
High Power LED Array
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com