전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2041 데이터시트(PDF) 1 Page - Tyco Electronics

부품명 2041
상세설명  Unmatched Tees Non-Isolated
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

2041 데이터시트(HTML) 1 Page - Tyco Electronics

  2041 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel. +85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
6-9
V2.00
Unmatched Tees
Non-Isolated
2041 Series
Features
Small Size
Broad Band
Economical Power Divider
Description
Miniature Unmatched Coaxial Tees provide a convenient
means of separating an input signal into two
components. The units are used where Isolation
between the outputs and VSWR are not primary
considerations. Temperature range is -54°C to +125°C.
q
q
q
PART NUMBER
JACK-JACK-JACK
2041-6201-00
PLUG-PLUG-PLUG
2041-6202-00
JACK-PLUG-JACK
2041-6203-00
PLUG-JACK-PLUG
2041-6204-00
All unmatched coaxial tees have SMA connectors. For SSMA
connectors, simply change the first digit in the part number from
“2” to “1”. For Example,1041-6201-00.
Standard units have gold plated connectors (“- 00” suffix). For
passivated stainless steel finish connectors, change the “00” to
“02” in the part number.
All dimensions are ± .020.


유사한 부품 번호 - 2041

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
2041 SCHURTER-2041 Datasheet
346Kb / 2P
US Power Cord with IEC Appliance Connector C19, V-Lock, straight
logo
Tempo Communications, I...
2041 TEMPOCOMMUNICATIONS-2041 Datasheet
338Kb / 2P
Crimp & Terminate
logo
Premier Farnell Limited...
2041-01 DURATOOL-2041-01 Datasheet
22Kb / 1P
Flat Nose Pliers
logo
Omron Electronics LLC
20410-000 OMRON-20410-000 Datasheet
737Kb / 3P
Automation Control Environment (ACE)
logo
Tyco Electronics
2041021 MACOM-2041021 Datasheet
151Kb / 3P
SECURE DIGITAL CARD CONNECTOR
More results

유사한 설명 - 2041

제조업체부품명데이터시트상세설명
logo
Sirectifier Semiconduct...
BTB41 SIRECTIFIER-BTB41 Datasheet
163Kb / 4P
Discrete Triacs(Non-Isolated/Isolated)
BTB15 SIRECTIFIER-BTB15 Datasheet
267Kb / 4P
Discrete Triacs(Non-Isolated/Isolated)
BTB08 SIRECTIFIER-BTB08 Datasheet
337Kb / 5P
Discrete Triacs(Non-Isolated/Isolated)
BTB06 SIRECTIFIER-BTB06 Datasheet
341Kb / 4P
Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA06 SIRECT-BTA06 Datasheet
1Mb / 4P
Discrete Triacs(Non-Isolated/Isolated)
BTA10 SIRECT-BTA10 Datasheet
1Mb / 4P
Discrete Triacs(Non-Isolated/Isolated)
BTA15 SIRECT-BTA15 Datasheet
1Mb / 4P
Discrete Triacs(Non-Isolated/Isolated)
BTA26 SIRECT-BTA26 Datasheet
990Kb / 4P
Discrete Triacs(Non-Isolated/Isolated)
BTA35 SIRECT-BTA35 Datasheet
1Mb / 2P
Discrete Triacs(Non-Isolated/Isolated)
logo
Infineon Technologies A...
PTVA120251EA INFINEON-PTVA120251EA Datasheet
1Mb / 14P
Unmatched input and output
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com