전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DMN2014LHAB-13 데이터시트(PDF) 4 Page - Diodes Incorporated

부품명 DMN2014LHAB-13
상세설명  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2014LHAB-13 데이터시트(HTML) 4 Page - Diodes Incorporated

  DMN2014LHAB-13 Datasheet HTML 1Page - Diodes Incorporated DMN2014LHAB-13 Datasheet HTML 2Page - Diodes Incorporated DMN2014LHAB-13 Datasheet HTML 3Page - Diodes Incorporated DMN2014LHAB-13 Datasheet HTML 4Page - Diodes Incorporated DMN2014LHAB-13 Datasheet HTML 5Page - Diodes Incorporated DMN2014LHAB-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN2014LHAB
Document number: DS36441 Rev. 2 - 2
4 of 6
www.diodes.com
June 2014
© Diodes Incorporated
DMN2014LHAB
02
4
6
8
10
12 14
16 18 20
1,000
100
10
1,000
V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 7 Typical Junction Capacitance
Ciss
Coss
Crss
f = 1MHz
0
5
10
15
20
25
30
35
40
Q(nC)
g, TOTAL GATE CHARGE
Figure 8 Gate Charge
0
2
4
6
8
10
V
= 10V
I= A
DS
D
6
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
t1, PULSE DURATION TIME (sec)
Figure 11 Transient Thermal Resistance
0.001
0.01
0.1
1
R
(t) = r(t) * R
R
= 100°C/W
Duty Cycle, D = t1/ t2
θθ
θ
JA
JA
JA
D = 0.5
D = 0.7
D = 0.9
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com