전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PFS2501 데이터시트(PDF) 1 Page - Won-Top Electronics

부품명 PFS2501
상세설명  25A 1/2 RUGGED LEAD PRESS-FIT DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WTE [Won-Top Electronics]
홈페이지  http://www.wontop.com
Logo WTE - Won-Top Electronics

PFS2501 데이터시트(HTML) 1 Page - Won-Top Electronics

  PFS2501 Datasheet HTML 1Page - Won-Top Electronics PFS2501 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: April, 2012
1
Pb
Features
Diffused Junction
Low Leakage
A
Low Cost
Anode
+
High Surge Current Capability
Typical IR less than 5.0µA
Rugged 2.54mm Dia. Lead
Mechanical Data
Case: DO-21, Copper Case and Components
Hermetically Sealed
Terminals: Contact Areas Readily Solderable
C
Polarity: Cathode to Case (Reverse Units Are
Available Upon Request and Are Designated
F
By A “R” Suffix, i.e. PFS2502R or PFS2504R)
Polarity: Red Color Equals Standard,
D
Black Color Equals Reverse Polarity
E
Mounting Position: Any
Lead Free: For RoHS / Lead Free Version,
B
Add “-LF” Suffix to Part Number, See Page 2
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
PFS2500 PFS2501 PFS2502 PFS2503 PFS2504 PFS2505 PFS2506
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
500
600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
350
420
V
Average Rectified Output Current
@TC = 150°C
IO
25
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on
Rated Load (JEDEC Method)
IFSM
300
A
Forward Voltage
@IF = 25A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
500
µA
Typical Junction Capacitance (Note 1)
CJ
300
pF
Typical Thermal Resistance (Note 2)
RθJC
1.2
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance: Junction to case, single side cooled.
PFS2500 – PFS2506
25A 1/2” RUGGED LEAD PRESS-FIT DIODE
WON-TOP ELECTRONICS
®
DO-21 Rugged Lead
Dim
Min
Max
A
15.77
15.97
B
12.73
12.82
C
2.54 Ø Typical
D
9.55
9.85
E
5.70
5.90
F
22.55
22.85
All Dimensions in mm


유사한 부품 번호 - PFS2501

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
PFS2028 BOTHHAND-PFS2028 Datasheet
266Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
More results

유사한 설명 - PFS2501

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
PF2500 WTE-PF2500 Datasheet
23Kb / 2P
25A 1/2 PRESS-FIT DIODE
PFW2500 WTE-PFW2500 Datasheet
26Kb / 2P
25A 1/2 FLAG LEAD PRESS-FIT DIODE
PF2500 WTE-PF2500_06 Datasheet
30Kb / 2P
25A 1/2" PRESS-FIT DIODE
PFW2500 WTE-PFW2500_06 Datasheet
33Kb / 2P
25A 1/2 WASHER LEAD PRESS-FIT DIODE
PFW3500 WTE-PFW3500_06 Datasheet
33Kb / 2P
35A 1/2 WASHER LEAD PRESS-FIT DIODE
PF2500 WTE-PF2500_14 Datasheet
32Kb / 2P
25A 1/2??PRESS-FIT DIODE
PFS3500 WTE-PFS3500 Datasheet
32Kb / 2P
35A 1/2 RUGGED LEAD PRESS-FIT DIODE
PFS3520 WTE-PFS3520 Datasheet
32Kb / 2P
AVALANCHE 1/2 RUGGED LEAD PRESS-FIT DIODE
PFS5000 WTE-PFS5000 Datasheet
32Kb / 2P
50A 1/2 RUGGED LEAD PRESS-FIT DIODE
PFS5020 WTE-PFS5020 Datasheet
32Kb / 2P
50A AVALANCHE 1/2 RUGGED LEAD PRESS-FIT DIODE
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com