전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC3546 데이터시트(PDF) 21 Page - Linear Technology

부품명 LTC3546
상세설명  Dual Synchronous, 3A/1A or 2A/2A Configurable Step-Down DC/DC Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC3546 데이터시트(HTML) 21 Page - Linear Technology

Back Button LTC3546_15 Datasheet HTML 17Page - Linear Technology LTC3546_15 Datasheet HTML 18Page - Linear Technology LTC3546_15 Datasheet HTML 19Page - Linear Technology LTC3546_15 Datasheet HTML 20Page - Linear Technology LTC3546_15 Datasheet HTML 21Page - Linear Technology LTC3546_15 Datasheet HTML 22Page - Linear Technology LTC3546_15 Datasheet HTML 23Page - Linear Technology LTC3546_15 Datasheet HTML 24Page - Linear Technology LTC3546_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LTC3546
21
3546fc
For more information www.linear.com/3546
applicaTions inForMaTion
overall supply performance. For a detailed explanation of
optimizing the compensation components, including a
review of control loop theory, refer to Linear Technology
Application Note 76.
Although a buck regulator is capable of providing the full
output current in dropout, it should be noted that as the
inputvoltageVINdropstowardVOUT,theloadstepcapability
does decrease due to the decreasing voltage across the
inductor. Applications that require large load step capabil-
ity near dropout should use a different topology such as
SEPIC, Zeta, or single inductor, positive buck boost.
Insomeapplications,amoreseveretransientcanbecaused
by switching in loads with large (>1µF) input capacitors.
Thedischargedinputcapacitorsareeffectivelyputinparal-
lel with COUT, causing a rapid drop in VOUT. No regulator
can deliver enough current to prevent this problem, if the
switchconnectingtheloadhaslowresistanceandisdriven
quickly.Thesolutionistolimittheturn-onspeedoftheload
switchdriver.Ahotswapcontrollerisdesignedspecifically
for this purpose and usually incorporates current limiting,
short-circuit protection, and soft starting.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Percent efficiency can
be expressed as:
%Efficiency = 100% – (P1 + P2 + P3+…)
where P1, P2, etc. are the individual losses as a percent-
age of input power.
Although all dissipative elements in the circuit produce
losses, four main sources usually account for most of
the losses in LTC3546 circuits: 1) LTC3546 VIN current,
2) switching losses, 3) I2R losses, 4) other losses.
1. The VIN current is the DC supply current given in the
electrical characteristics which excludes MOSFET
driver and control currents. VIN current results in a
small (<0.1%) loss that increases with VIN, even at
no-load.
2. The switching current is the sum of the MOSFET driver
and control currents. The MOSFET driver current re-
sults from switching the gate capacitance of the power
MOSFETs. Each time a MOSFET gate is switched from
low to high to low again, a packet of charge moves from
VIN to ground. The resulting charge over the switching
periodisacurrentoutofVINthatistypicallymuchlarger
than the DC bias current. The gate charge losses are
proportional to VIN and thus their effects will be more
pronounced at higher supply voltages.
3. I2R losses are calculated from the DC resistances of
the internal switches, RSW, and the external inductor,
RL. In continuous mode, the average output current
flowing through inductor L is “chopped” between the
internal top and bottom switches. Thus, the series
resistance looking into the SW pin is a function of both
top and bottom MOSFET RDS(ON) and the duty cycle
(DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
The RDS(ON) for both the top and bottom MOSFETs can
be obtained from the Typical Performance Character-
istics curves. Thus, to obtain I2R losses:
I2R losses = IOUT2(RSW + RL)
Where RL is the resistance of the inductor.
4. Other hidden losses such as copper trace and inter-
nal battery resistances can account for additional ef-
ficiency degradations in portable systems. It is very
important to include these “system” level losses in
the design of a system. The internal battery and fuse
resistance losses can be minimized by making sure
that CIN has adequate charge storage and very low
ESR at the switching frequency. Other losses including
diodeconductionlossesduringdead-timeandinductor
core losses generally account for less than 2% total
additional loss.
Thermal Considerations
The LTC3546 requires the backplane metal (Pin 29) to be
well soldered to the PC board. This gives the UFD pack-
age exceptional thermal properties, compared to similar
packages of this size, making it difficult in normal opera-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com