전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DMN6066SSD-13 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 DMN6066SSD-13
상세설명  60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6066SSD-13 데이터시트(HTML) 2 Page - Diodes Incorporated

  DMN6066SSD-13 Datasheet HTML 1Page - Diodes Incorporated DMN6066SSD-13 Datasheet HTML 2Page - Diodes Incorporated DMN6066SSD-13 Datasheet HTML 3Page - Diodes Incorporated DMN6066SSD-13 Datasheet HTML 4Page - Diodes Incorporated DMN6066SSD-13 Datasheet HTML 5Page - Diodes Incorporated DMN6066SSD-13 Datasheet HTML 6Page - Diodes Incorporated DMN6066SSD-13 Datasheet HTML 7Page - Diodes Incorporated DMN6066SSD-13 Datasheet HTML 8Page - Diodes Incorporated DMN6066SSD-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DMN6066SSD
Document Number DS32109 Rev. 4 - 2
2 of 9
www.diodes.com
April 2015
© Diodes Incorporated
DMN6066SSD
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
(Note 6)
VGS
20
V
Single Pulsed Avalanche Energy
(Note 13)
EAS
37.5
mJ
Single Pulsed Avalanche Current
(Note 13)
IAS
5.0
A
Continuous Drain Current
VGS = 10V
(Note 8)
ID
4.4
A
TA = +70°C (Note 8)
3.5
(Note 7)
3.3
Pulsed Drain Current
VGS = 10V
(Note 9)
IDM
17.0
A
Continuous Source Current (Body diode)
(Note 8)
IS
3.2
A
Pulsed Source Current (Body diode)
(Note 9)
ISM
17.0
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
Linear Derating Factor
(Notes 7 & 10)
PD
1.25
10
W
mW/°C
(Notes 7 & 11)
1.8
14.3
(Notes 8 & 10)
2.14
17.2
Thermal Resistance, Junction to Ambient
(Notes 7 & 10)
RJA
100
°C/W
(Notes 7 & 11)
70
(Notes 8 & 10)
58
Thermal Resistance, Junction to Lead
(Notes 10 & 12)
RJL
55
Operating and Storage Temperature Range
TJ, TSTG
-55 to 150
°C
Notes:
6. AEC-Q101 VGS maximum is 16V.
7. For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions; the device is
measured when operating in a steady-state condition.
8. Same as note (3), except the device is measured at t
 10 sec.
9. Same as note (3), except the device is pulsed with D = 0.02 and pulse width 300µs. The pulse current is limited by the maximum junction temperature.
10. For a dual device with one active die.
11. For a device with two active die running at equal power.
12. Thermal resistance from junction to solder-point (at the end of the drain lead).
13. UIS in production with L = 3.0mH, IAS = 5.0A, RG = 25Ω, VDD = 50V, starting TJ = +25°C.



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com