전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS52-0007-RTR 데이터시트(PDF) 1 Page - Tyco Electronics

부품명 DS52-0007-RTR
상세설명  Low Cost Two-Way GMIC SMT Power Divider 2200 - 2500 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

DS52-0007-RTR 데이터시트(HTML) 1 Page - Tyco Electronics

  DS52-0007-RTR Datasheet HTML 1Page - Tyco Electronics DS52-0007-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Cost Two-Way GMIC SMT Power Divider — 2200 - 2500MHz
DS52-0007
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088,
Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
S1502 A
Features
• Small Size and Low Profile
• Industry Standard SOT-25 SMT Plastic Package
• Typical Isertion Loss: 1.0 dB
• Typical Amplitude Balance 0.1 dB
• 1 Watt Power Handling
Description
M/A-COM’s DS52-0007 is an IC-based monolithic
power divider using M/A-COM’s GMIC technology in a
low cost SOT-25 plastic package.
This 2-way power
divider is ideally suited for applications where small
size, low insertion loss, superior phase/amplitude
tracking and low cost are required. Typical applications
include handsets, base station switching networks and
other communication applications where size and PCB
real estate are at a premium.
Available in Tape and
Reel.
The DS52-0007 is fabricated using a passive-integrated
circuit
process.
The
process
features
full-chip
passivation for increased performance and reliability.
Typical Electrical Specifications
1, T
A = +25°C
Parameter
Units
Min
Typ
Max
Insertion Loss above 3.0dB
dB
—
1.0
1.1
Isolation
dB
15
22
—
VSWR
RF Input
RF1, RF2 Outputs
—
—
—
—
1.6 : 1
1.3 : 1
1.8 : 1
1.5 : 1
Amplitude Balance
dB
—
0.1
0.25
Phase Balance
Degrees
—
2.0
4.0
1. All specifications apply with a 50-Ohm source and load impedance.
Low Cost Two-Way GMIC SMT Power Divider
2200 - 2500 MHz
DS52-0007
Ordering Information
Part Number
Package
DS52-0007
SOT-25Lead Plastic Package
DS52-0007-TR
Forward Tape and Reel
1
DS52-0007-RTR
Reverse Tape and Reel
1
1. If specific reel size is required, consult factory for part number
assignment.
SOT-25
All lower dimensions are in millimeters


유사한 부품 번호 - DS52-0007-RTR

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
DS52-0007-TR MA-COM-DS52-0007-TR Datasheet
71Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider, 2200 - 2500 MHz
More results

유사한 설명 - DS52-0007-RTR

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
MAPDCC0010 MACOM-MAPDCC0010 Datasheet
158Kb / 3P
Low Cost Two-Way GMIC SMT Power Divier, 2200-2500 MHz
logo
M/A-COM Technology Solu...
DS52-0007 MA-COM-DS52-0007 Datasheet
71Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider, 2200 - 2500 MHz
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
58Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider, 2200 - 2500 MHz
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider 1700 - 2000 MHz
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
58Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0011 MA-COM-MAPDCC0011 Datasheet
73Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530-000100 MA-COM-MAPD-007530-000100_15 Datasheet
105Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
MAPD-007530 MA-COM-MAPD-007530 Datasheet
627Kb / 5P
Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0010 MA-COM-MAPDCC0010_15 Datasheet
617Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com