전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RFFC2072SB 데이터시트(PDF) 22 Page - RF Micro Devices

부품명 RFFC2072SB
상세설명  2.7GHz RF SYNTHESIZER/VCO WITH INTEGRATED RF MIXER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFMD [RF Micro Devices]
홈페이지  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC2072SB 데이터시트(HTML) 22 Page - RF Micro Devices

Back Button RFFC2072SB Datasheet HTML 15Page - RF Micro Devices RFFC2072SB Datasheet HTML 16Page - RF Micro Devices RFFC2072SB Datasheet HTML 17Page - RF Micro Devices RFFC2072SB Datasheet HTML 18Page - RF Micro Devices RFFC2072SB Datasheet HTML 19Page - RF Micro Devices RFFC2072SB Datasheet HTML 20Page - RF Micro Devices RFFC2072SB Datasheet HTML 21Page - RF Micro Devices RFFC2072SB Datasheet HTML 22Page - RF Micro Devices RFFC2072SB Datasheet HTML 23Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
22 of 23
RFFC2071/2072
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Package Drawing
QFN, 32-pin, 5mm x 5mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com