전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RFFC5072ATR7 데이터시트(PDF) 23 Page - RF Micro Devices

부품명 RFFC5072ATR7
상세설명  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFMD [RF Micro Devices]
홈페이지  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC5072ATR7 데이터시트(HTML) 23 Page - RF Micro Devices

Back Button RFFC5072ATR7 Datasheet HTML 18Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 19Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 20Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 21Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 22Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 23Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 24Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 25Page - RF Micro Devices RFFC5072ATR7 Datasheet HTML 26Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
23 of 26
RFFC5071A/2A
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance Characteristics at 3.7GHz
VDD = +3V and TA = +27°C unless stated. As measured on RFFC5071A 3.7GHz narrowband evaluation board.
Up conversion. See application schematic on page 14, L1 = 3.3nH.
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
3600
3800
4000
4200
4400
4600
4800
5000
5200
LO Frequency (MHz)
Typical LO Leakage at Mixer 2 Output
+3.0V Supply Voltage, MIX_IDD = 4, L1 = 3.3nH
-40°C
+27°C
+85°C
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
2800
3000
3200
3400
3600
3800
4000
4200
4400
4600
RF Output Frequency (MHz)
IF and LO Leakage at Mixer 2 Output
IF Input Power -10dBm, MIX_IDD = 4, L1 = 3.3nH
RF Output
LO Leakage (Low Side)
IF Leakage at 500MHz
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
1234567
Mixer Bias Current Setting (MIX2_IDD)
Mixer 2 Noise Figure versus Bias Current
IF Input = 500MHz, RF Output = 4000MHz, L1= 3.3nH
-40°C, +2.7V
-40°C, +3.0V
-40°C, +3.3V
+27°C, +2.7V
+27°C, +3.0V
+27°C, +3.3V
+85°C, +2.7V
+85°C, +3.0V
+85°C, +3.3V
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
3200
3400
3600
3800
4000
4200
4400
RF Output Frequency (MHz)
Mixer 2 Noise Figure versus Frequency
Up Conversion with IF Input = 500MHz, L1 = 3.3nH
MIX_IDD = 1
MIX_IDD = 2
MIX_IDD = 3
MIX_IDD = 4
MIX_IDD = 5
MIX_IDD = 6
MIX_IDD = 7
-16.0
-14.0
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2750
3000
3250
3500
3750
4000
4250
4500
4750
RF Output Frequency (MHz)
Conversion Gain of Mixer 2
Up Conversion with IF Input = 500MHz, L1= 3.3nH
-40°C, +2.7V
-40°C, +3.0V
-40°C, +3.3V
+27°C, +2.7V
+27°C, +3.0V
+27°C, +3.3V
+85°C, +2.7V
+85°C, +3.0V
+85°C, +3.3V
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
3200
3300
3400
3500
3600
3700
3800
3900
4000
4100
4200
RF Output Frequency (MHz)
Mixer 2 Linearity Performance
MIX_IDD = 5, +3.0V, IF Input = 500MHz, L1 = 3.3nH
Input IP3
Pin 1dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com