| 전자부품 데이터시트 검색엔진 |
|
NJG1552F-R1 데이터시트(PDF) 1 Page - New Japan Radio |
|
|
|||||||||||||||||||||||||||||
NJG1552F-R1 데이터시트(HTML) 1 Page - New Japan Radio |
|
1 / 19 page ![]() NJG1552F - 1 - 1.5GHz/1.9GHz MIXER GaAs MMIC nGENERAL DESCRIPTION nPACKAGE OUTLINE NJG1552F is a mixer GaAs MMIC featured low power consumption, high conversion gain and low noise figure. This mixer includes a local amplifier, and ideally suitable for 1.5/1.9Hz band digital mobile phone and PHS handsets. The very small MTP package is adopted. nFEATURES lLow voltage operation +2.7V lLow current consumption 4.5mA typ. lHigh conversion gain 8dB typ. @fRF=1.489GHz, PLO=-10dBm, PRF=-30dBm 5dB typ. @fRF=1.9GHz, PLO=-10dBm, PRF=-30dBm lLow noise figure 6dB typ. @fRF=1.489GHz, PLO=-10dBm 9dB typ. @fRF=1.9GHz, PLO=-10dBm lPackage MTP6 (Mount Size: 2.8x2.9x1.2mm) nPIN CONFIGURATION NJG1552F Pin Connection 1. IFOUT 2. BPC 3. VLO 4. LOIN 5. GND 6. RFIN F Type (Top View) 1 2 3 6 5 4 |
유사한 부품 번호 - NJG1552F-R1 |
|
유사한 설명 - NJG1552F-R1 |