전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6723M2DPBF 데이터시트(PDF) 9 Page - International Rectifier

부품명 IRF6723M2DPBF
상세설명  Replaces Two Discrete MOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6723M2DPBF 데이터시트(HTML) 9 Page - International Rectifier

Back Button IRF6723M2DPBF_15 Datasheet HTML 2Page - International Rectifier IRF6723M2DPBF_15 Datasheet HTML 3Page - International Rectifier IRF6723M2DPBF_15 Datasheet HTML 4Page - International Rectifier IRF6723M2DPBF_15 Datasheet HTML 5Page - International Rectifier IRF6723M2DPBF_15 Datasheet HTML 6Page - International Rectifier IRF6723M2DPBF_15 Datasheet HTML 7Page - International Rectifier IRF6723M2DPBF_15 Datasheet HTML 8Page - International Rectifier IRF6723M2DPBF_15 Datasheet HTML 9Page - International Rectifier IRF6723M2DPBF_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRF6723M2DTR/TR1PbF
www.irf.com
9
DirectFET
™ Part Marking
DirectFET™ Outline Dimension, MA Outline (Medium Size Can).
Please see AN-1035 for DirectFET assembly details and stencil and substrate design recommendations
CODE
A
B
C
D
E
F
G
H
J
K
L
M
R
P
S
MIN
0.246
0.189
0.152
0.014
0.023
0.019
0.043
0.019
0.015
0.055
0.114
0.0235
0.0008
0.003
0.006
MAX
6.35
5.05
3.95
0.45
0.62
0.52
1.12
0.52
0.42
1.50
3.00
0.676
0.080
0.17
0.195
MIN
6.25
4.80
3.85
0.35
0.58
0.48
1.08
0.48
0.38
1.40
2.90
0.616
0.020
0.08
0.155
MAX
0.250
0.199
0.156
0.018
0.024
0.020
0.044
0.020
0.017
0.059
0.118
0.0274
0.0031
0.007
0.008
METRIC
IMPERIAL
DIMENSIONS
LOGO
GATE MARKING
BATCH NUMBER
PART NUMBER
DATE CODE
Line above the last character of
the date code indicates "Lead-Free"



Html Pages

1 2 3 4 5 6 7 8 9 10