전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPF5189Z 데이터시트(PDF) 10 Page - RF Micro Devices

부품명 SPF5189Z
상세설명  Broadband Internal Matching
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFMD [RF Micro Devices]
홈페이지  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SPF5189Z 데이터시트(HTML) 10 Page - RF Micro Devices

Back Button SPF5189Z Datasheet HTML 3Page - RF Micro Devices SPF5189Z Datasheet HTML 4Page - RF Micro Devices SPF5189Z Datasheet HTML 5Page - RF Micro Devices SPF5189Z Datasheet HTML 6Page - RF Micro Devices SPF5189Z Datasheet HTML 7Page - RF Micro Devices SPF5189Z Datasheet HTML 8Page - RF Micro Devices SPF5189Z Datasheet HTML 9Page - RF Micro Devices SPF5189Z Datasheet HTML 10Page - RF Micro Devices SPF5189Z Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10 of 11
DS110606
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SPF5189Z
Part Identification
Suggested Pad Layout
Package Drawing
Dimensions in inches (millimeters)
Refer to drawing posted at www.rfmd.com for tolerances.
Pin Names and Description
Pin
Function
Description
1RF IN
RF input pin. This pin requires the use of an external DC-blocking capacitor chosen for the frequency of
operation.
2GND
Connection to ground. Use via holes as close to the device ground leads as possible to reduce ground
inductance and achieve optimum RF performance.
3RF OUT/DC BIAS
RF output and bias pin. This pin requires the use of an external DC-blocking capacitor chosen for the
frequency of operation.
4GND
Connection to ground. Use via holes as close to the device ground leads as possible to reduce ground
inductance and achieve optimum RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11