| 전자부품 데이터시트 검색엔진 |
|
ATXMEGA384C3 데이터시트(PDF) 39 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATXMEGA384C3 데이터시트(HTML) 39 Page - ATMEL Corporation |
|
39 / 126 page ![]() 39 XMEGA C3 [DATASHEET] 8361C–AVR–4/12 Multipacket transfer enables a data payload exceeding the maximum packet size of an endpoint to be transferred as multiple packets without software intervention. This reduces the CPU intervention and the interrupts needed for USB transfers. For low-power operation, the USB module can put the microcontroller into any sleep mode when the USB bus is idle and a suspend condition is given. Upon bus resumes, the USB module can wake up the microcontroller from any sleep mode. PORTD has one USB. Notation of this is USB. |