전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE15A2000 데이터시트(PDF) 4 Page - Pasternack Enterprises, Inc.

부품명 PE15A2000
상세설명  500 MHz to 4 GHz Frequency Range
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A2000 데이터시트(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE15A2000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A2000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A2000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A2000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A2000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A2000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A2000 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE15A2000 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PE15A2000 Datasheet HTML 9Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
TECHNICAL DATA SHEET
PE15A2000
PE15A2000 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 500 MHz to 4 GHz, Log Amplifier, 25 mV/dB Log Slope, 70 dBm Log Range, SMA PE15A2000
PE15A2000 (2D-Plots
) @ 25˚C
500 MHz to 4 GHz, Log Amplifier, 25 mV/
dB Log Slope, 70 dBm Log Range, SMA



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com