전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ROM-1210WF-A78AAE 데이터시트(PDF) 2 Page - Advantech Co., Ltd.

부품명 ROM-1210WF-A78AAE
상세설명  Freescale ARM Cortex-A8 i.MX53 RTX Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ROM-1210WF-A78AAE 데이터시트(HTML) 2 Page - Advantech Co., Ltd.

  ROM-1210WF-A78AAE Datasheet HTML 1Page - Advantech Co., Ltd. ROM-1210WF-A78AAE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
ROM-1210
Ordering Information
Part No.
CPU
Memory
Flash
Memory
UART LAN
USB
Host
USB
OTG Display
SATA
SD CANBus I2C SPI Size
Power Input Operating
Temperature
ROM-1210CF-A78AAE
Freescale
i.MX536
800 MHz
512 MB
2 GB
5
1
1
1
1 x 24-bit
LVDS
Yes
2
1
2
1
68 x 68 x 7.5 mm 3.3 V & 3.6 V
+-5%
0 ~ 60° C
ROM-1210WF-A78AAE
Freescale
i.MX536
800 MHz
512 MB
2 GB
5
1
1
1
1 x 24-bit
LVDS
Yes
2
1
2
1
68 x 68 x 7.5 mm 3.3 V & 3.6 V
+-5%
-40 ~ 85° C
Dimensions
Unit: mm
Design-in Package
Part No.
Description
ROM-1210DK-B00E
Evaluation kit for ROM-1210
Power cord
1700001524 for 3-pin USA standard power cord
170203183C for 3-pin Europe standard power cord
170203180A for 3-pin UK standard power cord
68.00
1654004729
1.30
1.30
30.10
H32P6I8
4.10
CN2
Line-IN, Line-
Out, MIC-IN
I2S AUDIO
DAC
Freescale i.MX53 800 MHz
800 MHz
Ethernet
10/100Mbps
PMIC
TTL LCD 24 bits
GPIO 9~20
USB OTG (4 pins)
I2C*2 (4 pins)
UART-2 (4 pins)
Watchdog
(Internal)
NOR Flash
SD *1
I2S / I2C
I2C
CN4
CN1
CN3
GPIO
CAN
CNA (TX, RX)
Transceiver
LAN
10/100
Touch
(4 pins)
SATA (4 pins)
RMII
MDIO
I2C
UARTs 1,3,4,5
USB H1 (4 pins)
RTC Power
GPIO 1~8
I2S (4 pins)
System Bus
(A: 25 pins, D: 16 pins)
Keypad (12 pins)
LVDS * 2 (20 pins)
SPI (4 pins)
RTC
I2C
SPI (4 pins)
SD*1 (6 pins)
DDR3-2Gb
DDR3-800MHz
32-bit
DDR3-2Gb
iNAND
4GB
SD (6 pins)



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com