전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAS32L 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 BAS32L
상세설명  High-speed switching diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS32L 데이터시트(HTML) 2 Page - NXP Semiconductors

  BAS32L_15 Datasheet HTML 1Page - NXP Semiconductors BAS32L_15 Datasheet HTML 2Page - NXP Semiconductors BAS32L_15 Datasheet HTML 3Page - NXP Semiconductors BAS32L_15 Datasheet HTML 4Page - NXP Semiconductors BAS32L_15 Datasheet HTML 5Page - NXP Semiconductors BAS32L_15 Datasheet HTML 6Page - NXP Semiconductors BAS32L_15 Datasheet HTML 7Page - NXP Semiconductors BAS32L_15 Datasheet HTML 8Page - NXP Semiconductors BAS32L_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BAS32L
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 20 January 2011
2 of 11
NXP Semiconductors
BAS32L
High-speed switching diode
2.
Pinning information
[1]
The marking band indicates the cathode.
3.
Ordering information
4.
Marking
5.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
ka
006aab040
2
1
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BAS32L
-
hermetically sealed glass surface-mounted package;
2 connectors
SOD80C
Table 4.
Marking codes
Type number
Marking code
BAS32L
marking band
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VRRM
repetitive peak reverse
voltage
-100
V
VR
reverse voltage
-
75
V
IF
forward current
[1] -200
mA
IFRM
repetitive peak forward
current
-450
mA
IFSM
non-repetitive peak forward
current
square wave
[2]
tp =1 μs-
4
A
tp =1ms
-
1
A
tp =1s
-
0.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com